Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6735KASVD3-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6735KASVD3-T
Description  Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6735KASVD3-T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6735KASVD3-T Datasheet HTML 5Page - Maxim Integrated Products MAX6735KASVD3-T Datasheet HTML 6Page - Maxim Integrated Products MAX6735KASVD3-T Datasheet HTML 7Page - Maxim Integrated Products MAX6735KASVD3-T Datasheet HTML 8Page - Maxim Integrated Products MAX6735KASVD3-T Datasheet HTML 9Page - Maxim Integrated Products MAX6735KASVD3-T Datasheet HTML 10Page - Maxim Integrated Products MAX6735KASVD3-T Datasheet HTML 11Page - Maxim Integrated Products MAX6735KASVD3-T Datasheet HTML 12Page - Maxim Integrated Products MAX6735KASVD3-T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Manual Reset Input
Many µP-based products require manual reset capabil-
ity, allowing the operator, a test technician, or external
logic circuitry to initiate a reset. A logic low on MR
asserts the reset output, clears the watchdog timer,
and deasserts the watchdog output. Reset remains
asserted while MR is low and for the reset timeout peri-
od (tRP) after MR returns high. An internal 50k
Ω pullup
resistor allows MR to be left open if unused. Drive MR
with TTL or CMOS-logic levels or with open-drain/col-
lector outputs. Connect a normally open momentary
switch from MR to GND to create a manual reset func-
tion; external debounce circuitry is not required.
Connect a 0.1µF capacitor from MR to GND to provide
additional noise immunity when driving MR over long
cables or if the device is used in a noisy environment.
Adjustable Input Voltage (RSTIN)
The MAX6734/MAX6735 provide an additional high-
impedance comparator input with a 626mV threshold to
monitor a third supply voltage. To monitor a voltage
higher than 626mV, connect a resistive-divider to the
circuit as shown in Figure 2 to establish an externally
controlled threshold voltage, VEXT_TH.
V
= 626mV
EXT_TH
×
+
()
RR
R
12
2
Single-/Dual-/Triple-Voltage µP Supervisory
Circuits with Independent Watchdog Output
_______________________________________________________________________________________
9
tRP
tRP
VTH
VCC
(MIN)
VCC1,
VCC2
RSTIN
RST
WDO
MR
Figure 1. RST, WDO, and MR Timing Diagram
MAX6734
MAX6735
VEXT_TH
GND
RSTIN
R1
R2
Figure 2. Monitoring a Third Voltage


Similar Part No. - MAX6735KASVD3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6735KASVD3-T MAXIM-MAX6735KASVD3-T Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
More results

Similar Description - MAX6735KASVD3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6730 MAXIM-MAX6730 Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
MAX6730A MAXIM-MAX6730A Datasheet
459Kb / 16P
   Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output
Rev 0; 8/06
MAX6730 MAXIM-MAX6730_09 Datasheet
205Kb / 15P
   Single-/Dual-/Triple-Voltage 關P Supervisory Circuits with Independent Watchdog Output
Rev 5; 3/09
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Maxim Integrated Produc...
MAX6736 MAXIM-MAX6736_05 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
logo
Analog Devices
ADM6316CY29ARJZ-R7 AD-ADM6316CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
ams AG
AS1910 AMSCO-AS1910 Datasheet
158Kb / 2P
   Dual-Voltage Microprocessor Supervisory Circuits with Reset and Watchdog
logo
Maxim Integrated Produc...
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6718UKTGD3 MAXIM-MAX6718UKTGD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com