Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si4559ADY-T1-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # Si4559ADY-T1-E3
Description  N- and P-Channel 60-V (D-S) MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Si4559ADY-T1-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  Si4559ADY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix Si4559ADY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix Si4559ADY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix Si4559ADY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix Si4559ADY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix Si4559ADY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix Si4559ADY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix Si4559ADY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix Si4559ADY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Vishay Siliconix
Si4559ADY
Document Number: 73624
S09-0393-Rev. B, 09-Mar-09
www.vishay.com
1
N- and P-Channel 60-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Available
TrenchFET® Power MOSFET
100 % Rg and UIS Tested
APPLICATIONS
CCFL Inverter
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
N-Channel
60
0.058 at VGS = 10 V
5.3
6 nC
0.072 at VGS = 4.5 V
4.7
P-Channel
- 60
0.120 at VGS = - 10 V
- 3.9
8 nC
0.150 at VGS = - 4.5 V
- 3.5
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4559ADY-T1-E3 (Lead (Pb)-free)
Si4559ADY-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
D1
G1
S1
S2
G2
D2
P-Channel MOSFET
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under Steady State conditions is 110 °C/W for N-Channel and P-Channel.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
60
- 60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
5.3
- 3.9
A
TC = 70 °C
4.3
- 3.2
TA = 25 °C
4.3b, c
- 3.0b, c
TA = 70 °C
3.4b, c
- 2.4b, c
Pulsed Drain Current (10 µs Pulse Width)
IDM
20
- 25
Source Drain Current Diode Current
TC = 25 °C
IS
2.6
- 2.8
TA = 25 °C
1.7b, c
- 1.7b, c
Pulsed Source-Drain Current
ISM
20
- 25
Single Pulse Avalanche Current
L = 0.1 mH
IAS
11
15
Single Pulse Avalanche Energy
EAS
6.1
11
mJ
Maximum Power Dissipation
TC = 25 °C
PD
3.1
3.4
W
TC = 70 °C
22.2
TA = 25 °C
2b, c
2b, c
TA = 70 °C
1.3b, c
1.3b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
N-Channel
P-Channel
Unit
Typ.
Max.
Typ.
Max.
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
55
62.5
53
62.5
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
33
40
30
37


Similar Part No. - Si4559ADY-T1-E3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI4559ADY-T1-E3 VBSEMI-SI4559ADY-T1-E3 Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI4559ADY-T1-E3 VISHAY-SI4559ADY-T1-E3 Datasheet
253Kb / 14P
   N- and P-Channel 60 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - Si4559ADY-T1-E3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
IRF7343TRPBF VBSEMI-IRF7343TRPBF Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
UTM4052L-S08-R VBSEMI-UTM4052L-S08-R Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
P3304QV VBSEMI-P3304QV Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
ZXMC6A09DN8TA VBSEMI-ZXMC6A09DN8TA Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
SSG4543C VBSEMI-SSG4543C Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
STM8455 VBSEMI-STM8455 Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
STM8458 VBSEMI-STM8458 Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
STM8450A VBSEMI-STM8450A Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
AP4575GM VBSEMI-AP4575GM Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
4563GM VBSEMI-4563GM Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com