Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4634DY-T1-GE3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI4634DY-T1-GE3
Description  N-Channel 30-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4634DY-T1-GE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI4634DY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4634DY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4634DY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4634DY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4634DY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4634DY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4634DY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4634DY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI4634DY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 74030
S09-0138-Rev. B, 02-Feb-09
www.vishay.com
3
Vishay Siliconix
Si4634DY
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
14
28
42
56
70
0.0
0.5
1.0
1.5
2.0
2.5
VDS - Drain-to-Source Voltage (V)
VGS = 10 thru 4 V
3 V
0.0035
0.0043
0.0051
0.0059
0.0067
0.0075
014
28
42
56
70
ID - Drain Current (A)
VGS = 4.5 V
VGS = 10 V
0
2
4
6
8
10
0.0
9.6
19.2
28.8
38.4
48.0
ID = 10 A
Qg - Total Gate Charge (nC)
VDS = 10 V
VDS = 15 V
VDS = 20 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0.0
0.3
0.6
0.9
1.2
1.5
012345
TC = 125 °C
VGS - Gate-to-Source Voltage (V)
TC = 25 °C
TC = - 55 °C
Crss
0
760
1520
2280
3040
3800
06
12
18
24
30
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
0.7
0.9
1.1
1.3
1.5
1.7
- 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (°C)
ID = 15 A
VGS = 4.5 V
VGS = 10 V


Similar Part No. - SI4634DY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI4634DY-T1-E3 VBSEMI-SI4634DY-T1-E3 Datasheet
993Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SI4634DY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com