Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8382 Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-8382
Description  ARINC 429 Differential Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8382 Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-8382 Datasheet HTML 1Page - Holt Integrated Circuits HI-8382 Datasheet HTML 2Page - Holt Integrated Circuits HI-8382 Datasheet HTML 3Page - Holt Integrated Circuits HI-8382 Datasheet HTML 4Page - Holt Integrated Circuits HI-8382 Datasheet HTML 5Page - Holt Integrated Circuits HI-8382 Datasheet HTML 6Page - Holt Integrated Circuits HI-8382 Datasheet HTML 7Page - Holt Integrated Circuits HI-8382 Datasheet HTML 8Page - Holt Integrated Circuits HI-8382 Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Figure 2. FUNCTIONAL BLOCK DIAGRAM
REF
B
C
GND
-V
DATA (A)
DATA (B)
SYNC
CLOCK
V1
STROBE
A
C
V
+V
LEVEL SHIFTER
AND SLOPE
CONTROL (B)
LEVEL SHIFTER
AND SLOPE
CONTROL (A)
CURRENT
REGULATOR
OUTPUT
DRIVER (A)
OUT
B
OUT
A
CL
RL
FA
FB
OUTPUT
DRIVER (B)
R/ 2
OUT
R/ 2
OUT
Not included on HI-8383
OVER VOLTAGE
CLAMPS
DATA (A)
OUT
DATA (B)
INPUTS
TO ARINC BUS
A
OUT
B
REF
V
1
V
SYNC
CLOCK
-V
+V
STROBE
GND
B
A
C
C
-15V
+15V
+5V
The SYNC and CLOCK inputs establish data synchronization
utilizing two AND gates, one for each data input. Each logic
input, including the power enable (
) input, are
TTL/CMOS compatible. Besides reducing chip current drain,
also floats each output. However the overvoltage
fuses and diodes of the HI-8382 are not switched out.
Figure 1 illustrates a typical ARINC 429 bus application.
Three power supplies are necessary to operate the HI-8382;
typically +15V, -15V and +5V. The chip also works with ±12V
supplies. The +5V supply can also provide a reference
voltage that determines the output voltage swing.
The
differential output voltage swing will equal 2V
. If a value of
V
other than +5V is needed, a separate +5V power supply
is required for pin V .
With the DATA (A) input at a logic high and DATA (B) input at a
logic low, A
will switch to the +V
rail and B
will
switch to the -V
rail (ARINC HIGH state). With both data
input signals at a logic low state, the outputs will both switch to
0V (ARINC NULL state).
The driver output impedance, R
, is nominally 75 ohms.
The rise and fall times of the outputs can be calibrated through
the selection of two external capacitor values th
re
connected to the C and C input pins. Typical values for
high-speed operation (100KBPS) are C = C = 75pF and for
low-speed operation (12.5 to 14KBPS) C = C = 500pF.
STROBE
STROBE
REF
REF
OUT
REF
OUT
REF
OUT
1
AB
AB
AB
at a
The driver can be externally powered down by applying a logic
high to the
input pin. If this feature is not being used,
the pin should be tied to ground.
The C
and C
pins are inputs to unity gain amplifiers.
Therefore they must be allowed to swing to -5V. Provision to
STROBE
AB
switch capacitors must be done with analog switches that
allow voltages below their ground.
The power supplies should be controlled to prevent large
currents during supply turn-on and turn-off. The recom-
mended sequence is +V followed by V , always ensuring that
+V is the most positive supply. The -V supply is not critical
and can be asserted at any time.
Both ARINC outputs of the HI-8382 are protected by internal
fuses capable of sinking between 800 - 900 mA for short
periods of time (125µs).
POWER SUPPLY SEQUENCING
1
Figure 1. ARINC 429 BUS APPLICATION
FUNCTIONAL DESCRIPTION
HI-8382, HI-8383
HOLT INTEGRATED CIRCUITS
2


Similar Part No. - HI-8382

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382C HOLTIC-HI-8382C Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382C HOLTIC-HI-8382C Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382CM-01 HOLTIC-HI-8382CM-01 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results

Similar Description - HI-8382

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_06 Datasheet
296Kb / 11P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382_06 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
RM3182 ETC1-RM3182 Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_08 Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com