Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8585PDM Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-8585PDM
Description  ARINC 429 Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8585PDM Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-8585PDM Datasheet HTML 1Page - Holt Integrated Circuits HI-8585PDM Datasheet HTML 2Page - Holt Integrated Circuits HI-8585PDM Datasheet HTML 3Page - Holt Integrated Circuits HI-8585PDM Datasheet HTML 4Page - Holt Integrated Circuits HI-8585PDM Datasheet HTML 5Page - Holt Integrated Circuits HI-8585PDM Datasheet HTML 6Page - Holt Integrated Circuits HI-8585PDM Datasheet HTML 7Page - Holt Integrated Circuits HI-8585PDM Datasheet HTML 8Page - Holt Integrated Circuits HI-8585PDM Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AC ELECTRICAL CHARACTERISTICS
Notes:
1. Guaranteed but not tested
FIGURE 3 - LINE DRIVER TIMING
0V
10V
-10V
5V
0V
5V
0V
t rx
t
10%
90%
tt
10%
90%
t rx
t
phlx
t
phlx
t
plhx
t
10%
plhx
t
pin 3
pin 2
t fx
t
fx
V
pin 6 - pin 7
DIFF
HI-8585, HI-8586
V+ = 15.0V, V- = -15V, T = Operating Temperature Range (unless otherwise stated)
A
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Line Driver propagation delay
Output high to low
Output low to high
Line Driver transition times
Output high to low
Output low to high
t phlx
plhx
t
t fx
rx
t
-
-
1.0
1.0
2.0
2.0
500
500
1.5
1.5
ns
ns
µs
µs
logic
CIN
-
-
10
pF
pin 1 = logic 1
-
-
SLP 1.5 = V+
pin 1 = logic 1
Output high to low
Output low to high
t fx
rx
t
5.0
5.0
15.0
15.0
10.0
10.0
µs
µs
pin 1 = logic 1
SLP 1.5 = GND
Low Speed
High Speed
defined in Figure 3, no load
pin 1 = logic 1
Input capacitance (1)
HOLT INTEGRATED CIRCUITS
4


Similar Part No. - HI-8585PDM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8585PDM HOLTIC-HI-8585PDM Datasheet
137Kb / 8P
   ARINC 429 LINE DRIVER
HI-8585PDMF HOLTIC-HI-8585PDMF Datasheet
137Kb / 8P
   ARINC 429 LINE DRIVER
More results

Similar Description - HI-8585PDM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585_06 Datasheet
137Kb / 8P
   ARINC 429 LINE DRIVER
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
DEI1070A DEIAZ-DEI1070A Datasheet
315Kb / 12P
   ARINC 429 LINE DRIVER FAMILY
logo
Holt Integrated Circuit...
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8570 HOLTIC-HI-8570_14 Datasheet
66Kb / 9P
   ARINC 429 Supply Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com