Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8592PCIF Datasheet(PDF) 8 Page - Holt Integrated Circuits

Part # HI-8592PCIF
Description  Single-Rail ARINC 429 Differential Line Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8592PCIF Datasheet(HTML) 8 Page - Holt Integrated Circuits

Back Button HI-8592PCIF Datasheet HTML 4Page - Holt Integrated Circuits HI-8592PCIF Datasheet HTML 5Page - Holt Integrated Circuits HI-8592PCIF Datasheet HTML 6Page - Holt Integrated Circuits HI-8592PCIF Datasheet HTML 7Page - Holt Integrated Circuits HI-8592PCIF Datasheet HTML 8Page - Holt Integrated Circuits HI-8592PCIF Datasheet HTML 9Page - Holt Integrated Circuits HI-8592PCIF Datasheet HTML 10Page - Holt Integrated Circuits HI-8592PCIF Datasheet HTML 11Page - Holt Integrated Circuits HI-8592PCIF Datasheet HTML 12Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
HI-8592, HI-8593, HI-8594
HOLT INTEGRATED CIRCUITS
8
ORDERING INFORMATION
PART NUMBER
LEAD FINISH
Blank
Tin / Lead (Sn / Pb) Solder
F
100% Matte Tin (Pb-free, RoHS compliant)
PART NUMBER
TEMPERATURE RANGE
FLOW
BURN IN
I
-40oC to +85oC
I
No
T
-55oC to +125oC
T
No
M
-55oC to +125oC
M
Yes
PART NUMBER
PACKAGE DESCRIPTION
PS
14 PIN PLASTIC SMALL OUTLINE - NB ESOIC (14HNE)
PC
24 PIN PLASTIC QFN (24PCS)
CR
14 PIN CERDIP (14D).
NOTE: Not Available Pb-Free
HI - 8592xx x x
PART NUMBER
LEAD FINISH
Blank
Tin / Lead (Sn / Pb) Solder
F
100% Matte Tin (Pb-free, RoHS compliant)
PART NUMBER
TEMPERATURE RANGE
FLOW
BURN IN
I
-40oC to +85oC
I
No
T
-55oC to +125oC
T
No
M
-55oC to +125oC
M
Yes
PART NUMBER
PACKAGE DESCRIPTION
PS
8 PIN PLASTIC SMALL OUTLINE - NB ESOIC (8HNE)
CR
8 PIN CERDIP (8D).
NOTE: Not Available Pb-Free
PART NUMBER
OUTPUT RESISTANCE
8593
37.5 Ohms
8594
5 Ohms
HI - 859x xx x x
Legend: ESOIC
-
Thermally enhanced Small Outline Package (SOIC with built-in heat sink)
NB
-
Narrow Body


Similar Part No. - HI-8592PCIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8592PCIF HOLTIC-HI-8592PCIF Datasheet
1Mb / 14P
   Single-Rail ARINC 429 Differential Line Driver
More results

Similar Description - HI-8592PCIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8592 HOLTIC-HI-8592_16 Datasheet
1Mb / 14P
   Single-Rail ARINC 429 Differential Line Driver
HI-8596 HOLTIC-HI-8596_16 Datasheet
832Kb / 12P
   Single-Rail ARINC 429 Differential Line Driver
HI-8592 HOLTIC-HI-8592_13 Datasheet
1Mb / 14P
   Single-Rail ARINC 429 Differential Line Driver
HI-8596 HOLTIC-HI-8596 Datasheet
598Kb / 12P
   Single-Rail ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI5090 DEIAZ-DEI5090 Datasheet
285Kb / 10P
   SINGLE-RAIL ARINC 429 LINE DRIVER
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com