Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8596CDI Datasheet(PDF) 5 Page - Holt Integrated Circuits

Part # HI-8596CDI
Description  Single-Rail ARINC 429 Differential Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8596CDI Datasheet(HTML) 5 Page - Holt Integrated Circuits

  HI-8596CDI Datasheet HTML 1Page - Holt Integrated Circuits HI-8596CDI Datasheet HTML 2Page - Holt Integrated Circuits HI-8596CDI Datasheet HTML 3Page - Holt Integrated Circuits HI-8596CDI Datasheet HTML 4Page - Holt Integrated Circuits HI-8596CDI Datasheet HTML 5Page - Holt Integrated Circuits HI-8596CDI Datasheet HTML 6Page - Holt Integrated Circuits HI-8596CDI Datasheet HTML 7Page - Holt Integrated Circuits HI-8596CDI Datasheet HTML 8Page - Holt Integrated Circuits HI-8596CDI Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HI-8596
HOLT INTEGRATED CIRCUITS
5
ELECTRICAL CHARACTERISTICS
Table 3. DC Electrical Characteristics
V
DD = +3.3V, TA = Operating Temperature Range (unless otherwise stated)
Parameters
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage (TX1IN, TX0IN, SLP)
High
Low
V
IH
V
IL
0.7V
DD
-
-
-
-
0.3V
DD
V
V
Input Current (TX1IN, TX0IN, SLP)
Source
Sink
I
IH
I
IL
V
IN = 0V
V
IN = 3.3V, 7.34kΩ pulldown
-
-
-
45
0.1
μA
μA
ARINC Output Voltage (Differential)
one
zero
null
V
DIFF1
V
DIFF0
V
DIFFN
no load; TXAOUT - TXBOUT
no load; TXAOUT - TXBOUT
no load; TXAOUT - TXBOUT
9
-11
-0.5
10
-10
0
11
-9
0.5
V
V
V
ARINC Output Voltage (Ref. to GND)
one or zero
null
V
DOUT
V
NOUT
no load & magnitude at pin
no load
4.5
-0.25
5.0
0
5.5
0.25
V
V
Operating Supply Current
No load
Max. Load
I
DDNL
I
DDL
SLP = V
DD
TX1IN & TX0IN = 0V
100kHz, 400Ω load
-
-
28
65
40
-
mA
mA
ARINC Output Impedance
TXOUT pins
AMP pins
Z
OUT
37.5
5
Ohms
Ohms
ARINC Output Tri-State Current
I
OZ
TX0IN = TX1IN = V
DD
-5.75V < V
OUT < +5.75V
-1.0
0
+1.0
μA


Similar Part No. - HI-8596CDI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8596 HOLTIC-HI-8596_16 Datasheet
832Kb / 12P
   Single-Rail ARINC 429 Differential Line Driver
More results

Similar Description - HI-8596CDI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8592 HOLTIC-HI-8592 Datasheet
1Mb / 13P
   Single-Rail ARINC 429 Differential Line Driver
HI-8592 HOLTIC-HI-8592_16 Datasheet
1Mb / 14P
   Single-Rail ARINC 429 Differential Line Driver
HI-8596 HOLTIC-HI-8596_16 Datasheet
832Kb / 12P
   Single-Rail ARINC 429 Differential Line Driver
HI-8592 HOLTIC-HI-8592_13 Datasheet
1Mb / 14P
   Single-Rail ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI5090 DEIAZ-DEI5090 Datasheet
285Kb / 10P
   SINGLE-RAIL ARINC 429 LINE DRIVER
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com