Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGH60N60SMD Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FGH60N60SMD
Description  600V, 60A Field Stop IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGH60N60SMD Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FGH60N60SMD Datasheet HTML 1Page - Fairchild Semiconductor FGH60N60SMD Datasheet HTML 2Page - Fairchild Semiconductor FGH60N60SMD Datasheet HTML 3Page - Fairchild Semiconductor FGH60N60SMD Datasheet HTML 4Page - Fairchild Semiconductor FGH60N60SMD Datasheet HTML 5Page - Fairchild Semiconductor FGH60N60SMD Datasheet HTML 6Page - Fairchild Semiconductor FGH60N60SMD Datasheet HTML 7Page - Fairchild Semiconductor FGH60N60SMD Datasheet HTML 8Page - Fairchild Semiconductor FGH60N60SMD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.fairchildsemi.com
FGH60N60SMD Rev. A1
Typical Performance Characteristics
Figure 1. Typical Output Characteristics
Figure 2. Typical Output Characteristics
Figure 3. Typical Saturation Voltage
Figure 4. Transfer Characteristics
Characteristics
Figure 5. Saturation Voltage vs. Case
Figure 6. Saturation Voltage vs. VGE
Temperature at Variant Current Level
0246
0
30
60
90
120
150
180
V
GE = 8V
20V
TC = 25
o
C
15V
12V
10V
Collector-Emitter Voltage, VCE [V]
0246
0
30
60
90
120
150
180
V
GE = 8V
20V
TC = 175
o
C
15V
12V
10V
Collector-Emitter Voltage, VCE [V]
012345
0
30
60
90
120
150
180
Common Emitter
VGE = 15V
TC = 25
o
C
TC = 175
o
C
Collector-Emitter Voltage, VCE [V]
2468
10
12
0
30
60
90
120
150
180
Common Emitter
VCE = 20V
TC = 25
o
C
TC = 175
o
C
Gate-Emitter Voltage,VGE [V]
4
8
12
16
20
0
4
8
12
16
20
IC = 30A
60A
120A
Common Emitter
T
C = -40
o
C
Gate-Emitter Voltage, VGE [V]
25
50
75
100
125
150
175
1.0
1.5
2.0
2.5
3.0
3.5
120A
60A
IC = 30A
Common Emitter
VGE = 15V
Collector-EmitterCase Temperature, TC [
o
C]


Similar Part No. - FGH60N60SMD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGH60N60SMD ONSEMI-FGH60N60SMD Datasheet
488Kb / 11P
   IGBT - Field Stop 600 V, 60 A
January, 2020 - Rev. 3
More results

Similar Description - FGH60N60SMD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH60N60SF FAIRCHILD-FGH60N60SF Datasheet
647Kb / 8P
   600V, 60A Field Stop IGBT
logo
Silan Microelectronics ...
60N60FD1 SILAN-60N60FD1 Datasheet
307Kb / 10P
   60A, 600V FIELD STOP IGBT
Rev.:1.7
logo
Fairchild Semiconductor
FGA60N60UFD FAIRCHILD-FGA60N60UFD Datasheet
782Kb / 9P
   600V, 60A Field Stop IGBT
FGH60N60UFD FAIRCHILD-FGH60N60UFD Datasheet
767Kb / 9P
   600V, 60A Field Stop IGBT
FGH60N60SFD FAIRCHILD-FGH60N60SFD Datasheet
768Kb / 9P
   600V, 60A Field Stop IGBT
logo
Shenzhen Huazhimei Semi...
HMG60N65FT HMSEMI-HMG60N65FT Datasheet
1Mb / 8P
   650V /60A Trench Field Stop IGBT
logo
Fairchild Semiconductor
FGH75N60SF FAIRCHILD-FGH75N60SF Datasheet
686Kb / 8P
   600V, 75A Field Stop IGBT
FGH40N60SF FAIRCHILD-FGH40N60SF Datasheet
683Kb / 8P
   600V, 40A Field Stop IGBT
FGH80N60FD FAIRCHILD-FGH80N60FD Datasheet
665Kb / 9P
   600V, 80A Field Stop IGBT
FGB20N60SF FAIRCHILD-FGB20N60SF Datasheet
387Kb / 8P
   600V, 20A Field Stop IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com