Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8383J Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-8383J
Description  ARINC 429 Differential Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8383J Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-8383J Datasheet HTML 1Page - Holt Integrated Circuits HI-8383J Datasheet HTML 2Page - Holt Integrated Circuits HI-8383J Datasheet HTML 3Page - Holt Integrated Circuits HI-8383J Datasheet HTML 4Page - Holt Integrated Circuits HI-8383J Datasheet HTML 5Page - Holt Integrated Circuits HI-8383J Datasheet HTML 6Page - Holt Integrated Circuits HI-8383J Datasheet HTML 7Page - Holt Integrated Circuits HI-8383J Datasheet HTML 8Page - Holt Integrated Circuits HI-8383J Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HI-8382, HI-8383
The HI-8382 and HI-8383 bus interface products are silicon
gate CMOS devices designed as a line driver in accordance
with the ARINC 429 bus specifications.
Inputs are provided for clocking and synchronization. These
signals are AND'd with the DATA inputs to enhance system
performance and allow the HI-8382 to be used in a variety of
applications. Both logic and synchronization inputs feature
built-in 2,000V minimum ESD input protection as well as TTL
and CMOS compatibility.
The differential outputs of the HI-8382 are independently
programmable to either the high speed or low speed ARINC
429 output rise and fall time specifications through the use of
two external capacitors. The output voltage swing is also
adjustable by the application of an external voltage to the VREF
input. The HI-8382 has on-chip Zener diodes in series with a
fuse to each differential output protecting the ARINC bus from
an overvoltage failure. The outputs each have a series
resistance of 37.5 ohms. The HI-8383 is identical to the HI-
8382 except that the series resistors are 13 ohms and the
overvoltage protection circuitry has been eliminated.
The updated HI-318X and HI-8585 ARINC 429 line drivers are
recommended for all new designs where logic signals must be
converted to ARINC 429 levels such as a user ASIC, the
HI-3282 or HI-8282A ARINC 429 Serial Transmitter/Dual
Receiver, the HI-6010 ARINC 429 Transmitter/Receiver or the
HI-8783 ARINC interface device. Holt products are readily
available for both industrial and military applications. Please
contact the Holt Sales Department for additional information,
including data sheets for any of the Holt products
.
mentioned
above
PIN CONFIGURATION (Top View)
GENERAL DESCRIPTION
!
!
!
!
!
!
!
!
Low power CMOS
TTL and CMOS compatible inputs
Programmable output voltage swing
Adjustable ARINC rise and fall times
Operates at data rates up to 100 Kbits
Overvoltage protection
Industrial and extended temperature ranges
DSCC SMD part number
FEATURES
FUNCTION
ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382
_
+
TRUTH TABLE
(See Page 6 for additional package pin configurations)
VREF
STROBE
SYNC
DATA(A)
CA
AOUT
-V
GND
+V
N/C
BOUT
CB
DATA(B)
CLOCK
V1
N/C
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
HI-8382C / CT / CM-01 / CM-03
SMD # 5962-8687901EA
16 - PIN CERAMIC SIDE-BRAZED DIP
SYNC CLOCK DATA(A) DATA(B) AOUT
BOUT COMMENTS
X
L
X
X
0V
0V
NULL
L
X
X
X
0V
0V
NULL
H
H
L
L
0V
0V
NULL
H
H
L
H
-V
+V
LOW
H
H
H
L
+V
-V
HIGH
H
H
H
H
0V
0V
NULL
REF
REF
REF
REF
(
Rev.
)
09/11
DS8382
F
September 2011
ARINC 429
Differential Line Driver
HOLT INTEGRATED CIRCUITS
www.holtic.com
(


Similar Part No. - HI-8383J

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8383 HOLTIC-HI-8383 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8383 HOLTIC-HI-8383 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8383C HOLTIC-HI-8383C Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8383CM-01 HOLTIC-HI-8383CM-01 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8383CM-03 HOLTIC-HI-8383CM-03 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results

Similar Description - HI-8383J

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_06 Datasheet
296Kb / 11P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382_06 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
RM3182 ETC1-RM3182 Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_08 Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com