Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8383JT Datasheet(PDF) 8 Page - Holt Integrated Circuits

Part # HI-8383JT
Description  ARINC 429 Differential Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8383JT Datasheet(HTML) 8 Page - Holt Integrated Circuits

  HI-8383JT Datasheet HTML 1Page - Holt Integrated Circuits HI-8383JT Datasheet HTML 2Page - Holt Integrated Circuits HI-8383JT Datasheet HTML 3Page - Holt Integrated Circuits HI-8383JT Datasheet HTML 4Page - Holt Integrated Circuits HI-8383JT Datasheet HTML 5Page - Holt Integrated Circuits HI-8383JT Datasheet HTML 6Page - Holt Integrated Circuits HI-8383JT Datasheet HTML 7Page - Holt Integrated Circuits HI-8383JT Datasheet HTML 8Page - Holt Integrated Circuits HI-8383JT Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HI-8382 PACKAGE DIMENSIONS
inches (millimeters)
Package Type: 16C
16-PIN CERAMIC SIDE-BRAZED DIP
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
BASE
PLANE
SEATING
PLANE
.050
±.005
(1.270
±.127)
.295
±.010
(7.493
±.254)
PIN 1
.018 ± .002
(.457
±.051)
.010
±.002
(.254
±.051)
.035 ± .010
(.889
±.254)
.810
(20.574)
.300 ± .010
(7.620
±.254)
.100
(2.54)
BSC
.200
(5.080)
max
.125
(3.175)
min
max
28-PIN PLASTIC PLCC
inches (millimeters)
Package Type: 28J
.045 x 45°
.453
± .003
(11.506
±.076)
SQ.
.490
± .005
(12.446
±.127)
SQ.
.045 x 45°
.173
±.008
(4.394
±.203)
PIN NO. 1 IDENT
PIN NO. 1
.410
±.020
(10.414
±.508)
.031
±.005
(.787
±.127)
.017
±.004
(.432
±.102)
.050
(1.27)
BSC
DETAIL A
.035
.889
R
.010 ± .001
(.254 ± .03)
.020
(.508) min
See Detail A
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
HOLT INTEGRATED CIRCUITS
8


Similar Part No. - HI-8383JT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8383 HOLTIC-HI-8383 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8383 HOLTIC-HI-8383 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8383C HOLTIC-HI-8383C Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8383CM-01 HOLTIC-HI-8383CM-01 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8383CM-03 HOLTIC-HI-8383CM-03 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results

Similar Description - HI-8383JT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_06 Datasheet
296Kb / 11P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382_06 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
RM3182 ETC1-RM3182 Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_08 Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com