Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8593CRT Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part # HI-8593CRT
Description  Single-Rail ARINC 429 Differential Line Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8593CRT Datasheet(HTML) 9 Page - Holt Integrated Circuits

Back Button HI-8593CRT Datasheet HTML 5Page - Holt Integrated Circuits HI-8593CRT Datasheet HTML 6Page - Holt Integrated Circuits HI-8593CRT Datasheet HTML 7Page - Holt Integrated Circuits HI-8593CRT Datasheet HTML 8Page - Holt Integrated Circuits HI-8593CRT Datasheet HTML 9Page - Holt Integrated Circuits HI-8593CRT Datasheet HTML 10Page - Holt Integrated Circuits HI-8593CRT Datasheet HTML 11Page - Holt Integrated Circuits HI-8593CRT Datasheet HTML 12Page - Holt Integrated Circuits HI-8593CRT Datasheet HTML 13Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
HI-8592, HI-8593, HI-8594
HOLT INTEGRATED CIRCUITS
9
ADDITIONAL PIN CONFIGURATIONS
NOTE: All power and ground pins must be connected.
HI-8592CR
14-PIN CERDIP
14 AMPB
13 TXBOUT
12 AMPA
11 TXAOUT
10 V-
9 GND
V+ 1
SLP 2
TX0IN 3
TX1IN 4
GND 5
CAP+ 6
7
CAP-
8 V+
SLP
TX0IN
TX1IN
GND
V+
TXBOUT
TXAOUT
V-
HI-8593CR
8-PIN CERDIP
1
8
2
3
4
5
6
7
SLP
TX0IN
TX1IN
GND
V+
AMPB
AMPA
V-
HI-8594CR
8-PIN CERDIP
1
8
2
3
4
5
6
7
TX0IN 2
TX1IN 3
CAP+ 6
15 V-
18 TXBOUT
17 AMPA
16 TXAOUT
HI-8592PC
24-LEAD 5mm x 5mm QFN
GND 5
- 1
14 V-
13 GND
GND 4


Similar Part No. - HI-8593CRT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8593CRT HOLTIC-HI-8593CRT Datasheet
1Mb / 14P
   Single-Rail ARINC 429 Differential Line Driver
HI-8593CRTF HOLTIC-HI-8593CRTF Datasheet
1Mb / 14P
   Single-Rail ARINC 429 Differential Line Driver
More results

Similar Description - HI-8593CRT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8592 HOLTIC-HI-8592_16 Datasheet
1Mb / 14P
   Single-Rail ARINC 429 Differential Line Driver
HI-8596 HOLTIC-HI-8596_16 Datasheet
832Kb / 12P
   Single-Rail ARINC 429 Differential Line Driver
HI-8592 HOLTIC-HI-8592_13 Datasheet
1Mb / 14P
   Single-Rail ARINC 429 Differential Line Driver
HI-8596 HOLTIC-HI-8596 Datasheet
598Kb / 12P
   Single-Rail ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI5090 DEIAZ-DEI5090 Datasheet
285Kb / 10P
   SINGLE-RAIL ARINC 429 LINE DRIVER
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com