Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8586CRTF Datasheet(PDF) 5 Page - Holt Integrated Circuits

Part # HI-8586CRTF
Description  ARINC 429 Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8586CRTF Datasheet(HTML) 5 Page - Holt Integrated Circuits

  HI-8586CRTF Datasheet HTML 1Page - Holt Integrated Circuits HI-8586CRTF Datasheet HTML 2Page - Holt Integrated Circuits HI-8586CRTF Datasheet HTML 3Page - Holt Integrated Circuits HI-8586CRTF Datasheet HTML 4Page - Holt Integrated Circuits HI-8586CRTF Datasheet HTML 5Page - Holt Integrated Circuits HI-8586CRTF Datasheet HTML 6Page - Holt Integrated Circuits HI-8586CRTF Datasheet HTML 7Page - Holt Integrated Circuits HI-8586CRTF Datasheet HTML 8Page - Holt Integrated Circuits HI-8586CRTF Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Notes:
1. All data taken in still air on devices soldered to single layer copper PCB (3" X 4.5" X .062").
2. At 100% duty cycle, 15V power supplies. For 12V power supplies multiply all tabulated values by 0.8.
3. Low Speed: Data Rate = 12.5 Kbps, Load: R = 400 Ohms,C=30nF.
4. High Speed: Data Rate = 100 Kbps, Load: R = 400 Ohms,C=10nF. Data not presented forC=30nF
as this is considered unrealistic for high speed operation.
5. 8 Lead Plastic ESOIC (Thermally enhanced SOIC with built in heat sink). Heat sink not soldered to the PCB.
6. 8 Lead Plastic ESOIC (Thermally enhanced SOIC with built in heat sink). Heat sink soldered to the PCB.
7. Similar results would be obtained with TXAOUT shorted to TXBOUT.
8. For applications requiring survival with continuous short circuit, operation above Tj = 175°C is not recommended.
9. Data will vary depending on air flow and the method of heat sinking employed.
10. Current values are per supply.
PACKAGE THERMAL CHARACTERISTICS
SUPPLY CURRENT (mA)
2
JUNCTION TEMP, Tj (°C)
Ta = 25
oCTa = 85oC
Ta=125
oCTa = 25oCTa = 85oC
Ta=125
oC
Low Speed
3
16.8
17.2
16.9
58
116
157
High Speed
4
27.3
26.7
25.9
75
132
169
Low Speed
17.4
17.5
16.9
68
126
166
High Speed
27.6
27.1
25.9
97
147
186
Low Speed
17.1
17.2
16.7
52
110
151
High Speed
27.3
27.1
26.2
57
112
157
SUPPLY CURRENT (mA)
2
JUNCTION TEMP, Tj (°C)
Ta = 25
oCTa = 85oC
Ta=125
oCTa = 25oCTa = 85oC
Ta=125
oC
Low Speed
3
53.6
50.7
52.2
131
181
217
High Speed
4
46.9
38.7
42.5
135
181
219
Low Speed
46.4
47.6
68.1
167
191
221
High Speed
42.1
43.8
67.1
177
212
223
Low Speed
48.5
45.6
46.1
112
161
186
High Speed
46.8
41.1
40.5
116
168
197
MAXIMUM ARINC LOAD
9, 10
TXAOUT and TXBOUT Shorted to Ground
7, 8, 9, 10
8 Lead Plastic ESOIC
5
8 Lead Plastic ESOIC
6
ARINC 429
DATA RATE
ARINC 429
DATA RATE
PACKAGE STYLE
1
8 Lead Plastic DIP
8 Lead Plastic DIP
8 Lead Plastic ESOIC
5
8 Lead Plastic ESOIC
6
PACKAGE STYLE
1
HEAT SINK - ESOIC PACKAGES
An 8-pin thermally enhanced SOIC package is used for the
HI-8585/HI-8586 products. The ESOIC package includes
a metal heat sink located on the bottom surface of the
device. This heat sink should be soldered down to the
printed circuit board for optimum thermal dissipation. The
heat sink is electrically isolated from the chip and can be
soldered to any ground or power plane. However, since
the chip’s substrate is at V+, connecting the heat sink to
this power plane is recommended to avoid coupling noise
into the circuit.
HI-8585, HI-8586
HOLT INTEGRATED CIRCUITS
5


Similar Part No. - HI-8586CRTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8586CRTF HOLTIC-HI-8586CRTF Datasheet
137Kb / 8P
   ARINC 429 LINE DRIVER
More results

Similar Description - HI-8586CRTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585_06 Datasheet
137Kb / 8P
   ARINC 429 LINE DRIVER
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
DEI1070A DEIAZ-DEI1070A Datasheet
315Kb / 12P
   ARINC 429 LINE DRIVER FAMILY
logo
Holt Integrated Circuit...
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8570 HOLTIC-HI-8570_14 Datasheet
66Kb / 9P
   ARINC 429 Supply Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com