Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8594PSM Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-8594PSM
Description  Single-Rail ARINC 429 Differential Line Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8594PSM Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-8594PSM Datasheet HTML 1Page - Holt Integrated Circuits HI-8594PSM Datasheet HTML 2Page - Holt Integrated Circuits HI-8594PSM Datasheet HTML 3Page - Holt Integrated Circuits HI-8594PSM Datasheet HTML 4Page - Holt Integrated Circuits HI-8594PSM Datasheet HTML 5Page - Holt Integrated Circuits HI-8594PSM Datasheet HTML 6Page - Holt Integrated Circuits HI-8594PSM Datasheet HTML 7Page - Holt Integrated Circuits HI-8594PSM Datasheet HTML 8Page - Holt Integrated Circuits HI-8594PSM Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HI-8592, HI-8593, HI-8594
HOLT INTEGRATED CIRCUITS
4
FUNCTIONAL DESCRIPTION
Figure 1 is a block diagram of the line driver. The chip
requires a positive 5V supply at V+. The negative 5V
supply at V- may be from an external source or may be
provided using the on-chip negative rail generator by
connecting the two external capacitors, C
FLY and COUT.
Currents for slope control are set by on-chip resistors.
The TX0IN and TX1IN inputs receive logic signals from
a control transmitter chip such as the HI-3584. TX-
AOUT and TXBOUT hold each side of the ARINC bus
at Ground until one of the inputs becomes a One. If for
example TX1IN goes high, a charging path is enabled to
5V on an “A” side internal capacitor while the “B” side is
enabled to -5V. The charging current is selected by the
SLP pin. If the SLP pin is high, the capacitor is nominally
charged from 10% to 90% in 1.5μs. If SLP is low, the
rise and fall times are 10μs.
The reduced pin-count HI-8593 and HI-8594 require an
external -5V supply.
A unity gain buffer receives the internally generated
slopes and differentially drives the ARINC line. Cur-
rent is limited by the series output resistors at each pin.
There are no fuses at the outputs of the HI-859x family.
The HI-8593 has 37.5 ohms in series with each TXOUT
output and the HI-8594 has 5 ohms in series with each
AMP output. The AMP outputs are for applications
where external series resistance is required, typically
for lightning protection devices. Both output types are
available on the HI-8592. Holt Application Note AN-300
describes suitable lightning protection schemes.
All devices feature tri-stateable outputs to allow multiple
line drivers to be connected to the same ARINC 429
bus. Setting TX1IN and TX0IN both to a logic “1” puts
the outputs in the high-impedance state.
The HI-8592 family of line drivers are built using high-
speed CMOS technology. Care should be taken to en-
sure the V+ and V- supplies are locally decoupled to re-
duce noise. An application example is shown in Figure
2.
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
V+ ........................................................... +7V
V- ........................................................... -7V
DC Current per input pin ................................... +10mA
Power Dissipation at 25
oC
plastic SOIC ........... 1.0W, derate 10mW/
oC
ceramic DIP ......... 0.5W, derate 7mW/
oC
Solder Temperature ......................... 275
oC for 10sec
Storage Temperature ....................... -65
oC to +150oC
Note: The HI-8592 family of drivers are available in small-foot-
print, thermally enhanced SOIC and QFN (chip-scale) pack-
ages. These packages include a metal heat sink located on
the bottom surface of the device. This heat sink should be
soldered down to the printed circuit board for optimum thermal
dissipation.
The heat sink is electrically isolated from the chip and can be
soldered to any ground or power plane.
RECOMMENDED OPERATING
CONDITIONS
Supply Voltages
V+ ................................... +4.85V to +5.25V
V- ................................... -5.25V to -4.85V
Temperature Range
Industrial Screening .............. -40
oC to +85oC
Hi-Temp Screening .............. -55
oC to +125oC
NOTE: Stresses above absolute maximum ratings or outside
recommended operating conditions may cause permanent
damage to the device. These are stress ratings only. Opera-
tion at the limits is not recommended.


Similar Part No. - HI-8594PSM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8594PSM HOLTIC-HI-8594PSM Datasheet
1Mb / 14P
   Single-Rail ARINC 429 Differential Line Driver
HI-8594PSMF HOLTIC-HI-8594PSMF Datasheet
1Mb / 14P
   Single-Rail ARINC 429 Differential Line Driver
More results

Similar Description - HI-8594PSM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8592 HOLTIC-HI-8592_16 Datasheet
1Mb / 14P
   Single-Rail ARINC 429 Differential Line Driver
HI-8596 HOLTIC-HI-8596_16 Datasheet
832Kb / 12P
   Single-Rail ARINC 429 Differential Line Driver
HI-8592 HOLTIC-HI-8592_13 Datasheet
1Mb / 14P
   Single-Rail ARINC 429 Differential Line Driver
HI-8596 HOLTIC-HI-8596 Datasheet
598Kb / 12P
   Single-Rail ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI5090 DEIAZ-DEI5090 Datasheet
285Kb / 10P
   SINGLE-RAIL ARINC 429 LINE DRIVER
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com