Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4830CDY-T1-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI4830CDY-T1-E3
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4830CDY-T1-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI4830CDY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI4830CDY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI4830CDY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI4830CDY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI4830CDY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI4830CDY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI4830CDY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI4830CDY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI4830CDY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Document Number: 68884
S09-2109-Rev. B, 12-Oct-09
www.vishay.com
3
Vishay Siliconix
Si4830CDY
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Dynamica
Turn-On Delay Time
td(on)
Channel-1
VDD = 15 V, RL = 3 Ω
ID ≅ 5 A, VGEN = 10 V, Rg = 1 Ω
Channel-2
VDD = 15 V, RL = 3 Ω
ID ≅ 5 A, VGEN = 10 V, Rg = 1 Ω
Ch-1
9
18
ns
Ch-2
10
20
Rise Time
tr
Ch-1
11
20
Ch-2
10
20
Turn-Off Delay Time
td(off)
Ch-1
18
35
Ch-2
18
35
Fall Time
tf
Ch-1
8
16
Ch-2
9
18
Turn-On Delay Time
td(on)
Channel-1
VDD = 15 V, RL = 3 Ω
ID ≅ 5 A, VGEN = 4.5 V, Rg = 1 Ω
Channel-2
VDD = 15 V, RL = 3 Ω
ID ≅ 5 A, VGEN = 4.5 V, Rg = 1 Ω
Ch-1
17
35
Ch-2
17
35
Rise Time
tr
Ch-1
12
24
Ch-2
12
24
Turn-Off Delay Time
td(off)
Ch-1
18
35
Ch-2
19
35
Fall Time
tf
Ch-1
10
20
Ch-2
10
20
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
Ch-1
2.6
A
Ch-2
2.6
Pulse Diode Forward Currenta
ISM
Ch-1
30
Ch-2
30
Body Diode Voltage
VSD
IS = 1 A
Ch-1
0.74
1.1
V
Ch-2
0.46
0.51
Body Diode Reverse Recovery Time
trr
Channel-1
IF = 5 A, dI/dt = 100 A/µs, TJ = 25 °C
Channel-2
IF = 5 A, dI/dt = 100 A/µs, TJ = 25 °C
Ch-1
17
34
ns
Ch-2
17
34
Body Diode Reverse Recovery Charge
Qrr
Ch-1
9
18
nC
Ch-2
7
14
Reverse Recovery Fall Time
ta
Ch-1
10
ns
Ch-2
9
Reverse Recovery Rise Time
tb
Ch-1
7
Ch-2
8


Similar Part No. - SI4830CDY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI4830CDY TFUNK-SI4830CDY Datasheet
281Kb / 15P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SI4830CDY VISHAY-SI4830CDY Datasheet
214Kb / 14P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI4830CDY VISHAY-SI4830CDY_V01 Datasheet
214Kb / 14P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
More results

Similar Description - SI4830CDY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com