Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4904DY-T1-GE3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI4904DY-T1-GE3
Description  Dual N-Channel 40-V MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4904DY-T1-GE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI4904DY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4904DY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4904DY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4904DY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4904DY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4904DY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4904DY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4904DY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI4904DY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 73793
S09-0540-Rev. C, 06-Apr-09
www.vishay.com
3
Vishay Siliconix
Si4904DY
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
2 V
0
4
8
12
16
20
0.0
0.6
1.2
1.8
2.4
3.0
VGS = 10 thru 3 V
VDS – Drain-to-Source Voltage (V)
04
8
12
16
20
VGS = 10 V
ID – Drain Current (A)
VGS = 4.5 V
0.020
0.018
0.016
0.014
0.012
0.010
0
2
4
6
8
10
0
12243648
60
Qg – Total Gate Charge (nC)
ID = 5 A
VDS = 10 V
VDS = 20 V
VDS = 30 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.6
1.2
1.8
2.4
3.0
25 °C
TC = 125 °C
- 55 °C
VGS – Gate-to-Source Voltage (V)
Ciss
Coss
Crss
0
700
1400
2100
2800
3500
0
8
16
24
32
40
VDS – Drain-to-Source Voltage (V)
0.6
0.9
1.2
1.5
1.8
- 50
- 25
0
25
50
75
100
125
150
TJ – Junction Temperature (°C)
VGS = 10 V
VGS = 4.5 V
ID = 5 A


Similar Part No. - SI4904DY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI4904DY-T1-E3 VBSEMI-SI4904DY-T1-E3 Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
More results

Similar Description - SI4904DY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4904DY VISHAY-SI4904DY_V01 Datasheet
176Kb / 9P
   Dual N-Channel 40-V MOSFET
01-Jan-2022
logo
Vishay Telefunken
SI4904DY TFUNK-SI4904DY Datasheet
245Kb / 10P
   Dual N-Channel 40-V MOSFET
logo
ACE Technology Co., LTD...
ACE4940M ACE-ACE4940M Datasheet
489Kb / 7P
   Dual N-Channel 40-V MOSFET
VER 1.2
logo
Vishay Siliconix
SI4906DY-T1-E3 VISHAY-SI4906DY-T1-E3 Datasheet
267Kb / 10P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. C, 16-Nov-09
SI7938DP VISHAY-SI7938DP Datasheet
513Kb / 13P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. A, 28-Sep-09
logo
Analog Power
AM7640N ANALOGPOWER-AM7640N Datasheet
77Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
AM4940N ANALOGPOWER-AM4940N Datasheet
120Kb / 5P
   Dual N-Channel 40-V (D-S) MOSFET
AM4942N ANALOGPOWER-AM4942N Datasheet
180Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
9960M VBSEMI-9960M Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
AO4884 VBSEMI-AO4884 Datasheet
1Mb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com