Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5515CDC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI5515CDC
Description  N- and P-Channel 20 V (D-S) MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5515CDC Datasheet(HTML) 3 Page - Vishay Siliconix

  SI5515CDC Datasheet HTML 1Page - Vishay Siliconix SI5515CDC Datasheet HTML 2Page - Vishay Siliconix SI5515CDC Datasheet HTML 3Page - Vishay Siliconix SI5515CDC Datasheet HTML 4Page - Vishay Siliconix SI5515CDC Datasheet HTML 5Page - Vishay Siliconix SI5515CDC Datasheet HTML 6Page - Vishay Siliconix SI5515CDC Datasheet HTML 7Page - Vishay Siliconix SI5515CDC Datasheet HTML 8Page - Vishay Siliconix SI5515CDC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Document Number: 68747
S10-0548-Rev. B, 08-Mar-10
www.vishay.com
3
Vishay Siliconix
Si5515CDC
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Dynamica
Turn-On Delay Time
td(on)
N-Channel
VDD = 10 V, RL = 2.1 Ω
ID ≅ 4.8 A, VGEN = 8 V, Rg = 1 Ω
P-Channel
VDD = - 10 V, RL = 4.2 Ω
ID ≅ - 2.4 A, VGEN = - 8 V, Rg = 1 Ω
N-Ch
3.5
7
ns
P-Ch
3
6
Rise Time
tr
N-Ch
8
18
P-Ch
11
17
Turn-Off Delay Time
td(off)
N-Ch
18
27
P-Ch
21
32
Fall Time
tf
N-Ch
8
16
P-Ch
6
12
Turn-On Delay Time
td(on)
N-Channel
VDD = 10 V, RL = 2.1 Ω
ID ≅ 4.8 A, VGEN = 4.5 V, Rg = 1 Ω
P-Channel
VDD = - 10 V, RL = 4.2 Ω
ID ≅ - 2.4 A, VGEN = - 4.5 V, Rg = 1 Ω
N-Ch
7
14
P-Ch
10
20
Rise Time
tr
N-Ch
9
18
P-Ch
32
48
Turn-Off Delay Time
td(off)
N-Ch
30
45
P-Ch
25
38
Fall Time
tf
N-Ch
10
20
P-Ch
6
12
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
N-Ch
2.6
A
P-Ch
- 2.6
Pulse Diode Forward Currenta
ISM
N-Ch
20
P-Ch
- 10
Body Diode Voltage
VSD
IS = 4.8 A, VGS = 0 V
N-Ch
0.8
1.2
V
IS = - 2.4 A, VGS = 0 V
P-Ch
- 0.8
- 1.2
Body Diode Reverse Recovery Time
trr
N-Channel
IF = 4.8 A, dI/dt = 100 A/µs, TJ = 25 °C
P-Channel
IF = - 2.4 A, dI/dt = - 100 A/µs, TJ = 25 °C
N-Ch
11
17
ns
P-Ch
21
32
Body Diode Reverse Recovery Charge
Qrr
N-Ch
3
5
nC
P-Ch
13
20
Reverse Recovery Fall Time
ta
N-Ch
6
ns
P-Ch
17
Reverse Recovery Rise Time
tb
N-Ch
5
P-Ch
4


Similar Part No. - SI5515CDC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5515CDC VISHAY-SI5515CDC Datasheet
167Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Jul-08
SI5515CDC VISHAY-SI5515CDC Datasheet
282Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI5515CDC-T1-E3 VISHAY-SI5515CDC-T1-E3 Datasheet
167Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Jul-08
SI5515CDC VISHAY-SI5515CDC_V01 Datasheet
282Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI5515CDC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Aug-04
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 20-Mar-06
SIA519EDJ VISHAY-SIA519EDJ Datasheet
275Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 14-Dec-09
SI4511DY VISHAY-SI4511DY_V01 Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com