Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5515CDC Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI5515CDC
Description  N- and P-Channel 20 V (D-S) MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5515CDC Datasheet(HTML) 4 Page - Vishay Siliconix

  SI5515CDC Datasheet HTML 1Page - Vishay Siliconix SI5515CDC Datasheet HTML 2Page - Vishay Siliconix SI5515CDC Datasheet HTML 3Page - Vishay Siliconix SI5515CDC Datasheet HTML 4Page - Vishay Siliconix SI5515CDC Datasheet HTML 5Page - Vishay Siliconix SI5515CDC Datasheet HTML 6Page - Vishay Siliconix SI5515CDC Datasheet HTML 7Page - Vishay Siliconix SI5515CDC Datasheet HTML 8Page - Vishay Siliconix SI5515CDC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.vishay.com
4
Document Number: 68747
S10-0548-Rev. B, 08-Mar-10
Vishay Siliconix
Si5515CDC
N-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
4
8
12
16
20
0
1234
5
VDS - Drain-to-Source Voltage (V)
VGS =5 V thru 2 V
VGS =1.5 V
VGS =1 V
0.000
0.015
0.030
0.045
0.060
0.075
04
8
12
16
20
ID - Drain Current (A)
VGS =1.8V
VGS =2.5 V
VGS =4.5 V
0
1
2
3
4
5
024
6
8
Qg - Total Gate Charge (nC)
ID =6A
VDS =10 V
VDS =16 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
0.0
0.3
0.6
0.9
1.2
1.5
VGS - Gate-to-Source Voltage (V)
TC = 25 °C
TC = 125 °C
TC = - 55 °C
Crss
0
200
400
600
800
1000
04
8
12
16
20
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
0.6
0.9
1.2
1.5
1.8
- 50
- 25
0
25
50
75
100
125
150
TJ -Junction Temperature (°C)
VGS =4.5 V,ID =6A
VGS =2.5 V,ID =5.6 A


Similar Part No. - SI5515CDC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5515CDC VISHAY-SI5515CDC Datasheet
167Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Jul-08
SI5515CDC VISHAY-SI5515CDC Datasheet
282Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI5515CDC-T1-E3 VISHAY-SI5515CDC-T1-E3 Datasheet
167Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Jul-08
SI5515CDC VISHAY-SI5515CDC_V01 Datasheet
282Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI5515CDC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Aug-04
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 20-Mar-06
SIA519EDJ VISHAY-SIA519EDJ Datasheet
275Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 14-Dec-09
SI4511DY VISHAY-SI4511DY_V01 Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com