Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5908DC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI5908DC
Description  N-Channel 20-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5908DC Datasheet(HTML) 2 Page - Vishay Siliconix

  SI5908DC Datasheet HTML 1Page - Vishay Siliconix SI5908DC Datasheet HTML 2Page - Vishay Siliconix SI5908DC Datasheet HTML 3Page - Vishay Siliconix SI5908DC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Vishay Siliconix
SPICE Device Model Si5908DC
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.53
V
On-State Drain Current
a
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
119
A
VGS = 4.5 V, ID = 4.4 A
0.030
0.032
VGS = 2.5 V, ID = 4.1 A
0.033
0.036
Drain-Source On-State Resistance
a
rDS(on)
VGS = 1.8 V, ID = 1.9 A
0.037
0.042
Forward Transconductance
a
gfs
VDS = 10 V, ID = 4.4 A
26
22
S
Forward Voltage
a
VSD
IS = 0.9 A, VGS = 0 V
0.71
0.80
V
Dynamic
b
Total Gate Charge
Qg
5.1
5
Gate-Source Charge
Qgs
0.85
0.85
Gate-Drain Charge
Qgd
VDS = 10 V, VGS = 4.5 V, ID = 4.4 A
1
1
nC
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.
2
www.vishay.com
Document Number: 73096
S-60073
Rev. B, 23-Jan-06


Similar Part No. - SI5908DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5908DC VISHAY-SI5908DC Datasheet
97Kb / 6P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 06-Sep-04
SI5908DC VISHAY-SI5908DC Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI5908DC VISHAY-SI5908DC Datasheet
243Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI5908DC-T1-E3 VISHAY-SI5908DC-T1-E3 Datasheet
97Kb / 6P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 06-Sep-04
SI5908DC-T1-E3 VISHAY-SI5908DC-T1-E3 Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
More results

Similar Description - SI5908DC

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com