Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI6968BEDQ Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI6968BEDQ
Description  Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6968BEDQ Datasheet(HTML) 4 Page - Vishay Siliconix

  SI6968BEDQ_08 Datasheet HTML 1Page - Vishay Siliconix SI6968BEDQ_08 Datasheet HTML 2Page - Vishay Siliconix SI6968BEDQ_08 Datasheet HTML 3Page - Vishay Siliconix SI6968BEDQ_08 Datasheet HTML 4Page - Vishay Siliconix SI6968BEDQ_08 Datasheet HTML 5Page - Vishay Siliconix SI6968BEDQ_08 Datasheet HTML 6Page - Vishay Siliconix SI6968BEDQ_08 Datasheet HTML 7Page - Vishay Siliconix SI6968BEDQ_08 Datasheet HTML 8Page - Vishay Siliconix SI6968BEDQ_08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
4
Document Number: 72274
S-81221-Rev. C, 02-Jun-08
Vishay Siliconix
Si6968BEDQ
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0.00
0.01
0.02
0.03
0.04
0.05
0
123
456
ID = 6.5 A
VGS - Gate-to-Source Voltage (V)
0.001
0
1
160
200
80
10
0.1
Time (s)
40
120
0.01
Threshold Voltage
Safe Operating Area, Junction-to-Case
- 0.6
- 0.4
- 0.2
0.0
0.2
0.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
100
1
0.1
1
10
100
0.01
10
1 ms
0.1
Limited by RDS(on)*
TC = 25 °C
Single Pulse
10 ms
100 ms
DC
10 s
1 s
VDS - Drain-to-Source Voltage (V)
*VGS > minimum VGS at which RDS(on) is specified
Normalized Thermal Transient Impedance, Junction-to-Ambient
2
1
0.1
0.01
10-4
10-3
10-2
10-1
1
100
600
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 115 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Square Wave Pulse Duration (s)
10


Similar Part No. - SI6968BEDQ_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6968BEDQ-T1 VISHAY-SI6968BEDQ-T1 Datasheet
53Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
Rev. A, 30-Jun-03
SI6968BEDQ-T1 VISHAY-SI6968BEDQ-T1 Datasheet
256Kb / 11P
   Dual N-Channel 2.5 V (G-S) MOSFET Common Drain, ESD Protection
01-Jan-2022
SI6968BEDQ-T1-GE3 VISHAY-SI6968BEDQ-T1-GE3 Datasheet
256Kb / 11P
   Dual N-Channel 2.5 V (G-S) MOSFET Common Drain, ESD Protection
01-Jan-2022
SI6968BEDQ_RC VISHAY-SI6968BEDQ_RC Datasheet
69Kb / 3P
   R-C Thermal Model Parameters
Revision: 11-Jul-07
SI6968BEDQ VISHAY-SI6968BEDQ_V01 Datasheet
256Kb / 11P
   Dual N-Channel 2.5 V (G-S) MOSFET Common Drain, ESD Protection
01-Jan-2022
More results

Similar Description - SI6968BEDQ_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6968BEDQ VISHAY-SI6968BEDQ Datasheet
53Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
Rev. A, 30-Jun-03
SI6968BEDQ VISHAY-SI6968BEDQ_V01 Datasheet
256Kb / 11P
   Dual N-Channel 2.5 V (G-S) MOSFET Common Drain, ESD Protection
01-Jan-2022
logo
Guangdong Kexin Industr...
KI6968BEDQ KEXIN-KI6968BEDQ Datasheet
53Kb / 2P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
logo
DinTek Semiconductor Co...
DTM8201 DINTEK-DTM8201 Datasheet
2Mb / 8P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
logo
VBsemi Electronics Co.,...
VBC6N2006 VBSEMI-VBC6N2006 Datasheet
652Kb / 8P
   Dual N-Channel MOSFET Common Drain, ESD Protection
logo
Vishay Siliconix
SI6966EDQ VISHAY-SI6966EDQ_V01 Datasheet
104Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET, ESD Protected
01-Jan-2022
SI6924AEDQ VISHAY-SI6924AEDQ_08 Datasheet
231Kb / 12P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. B, 12-May-08
SI6924EDQ VISHAY-SI6924EDQ Datasheet
49Kb / 5P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. C, 30-Nov-98
SI6924AEDQ VISHAY-SI6924AEDQ Datasheet
52Kb / 6P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. A, 13-May-03
SI6924AEDQ VISHAY-SI6924AEDQ_V01 Datasheet
119Kb / 7P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com