Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7234DP-T1-GE3 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # SI7234DP-T1-GE3
Description  Dual N-Channel 12-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7234DP-T1-GE3 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SI7234DP-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI7234DP-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI7234DP-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI7234DP-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI7234DP-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix SI7234DP-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix SI7234DP-T1-GE3 Datasheet HTML 11Page - Vishay Siliconix SI7234DP-T1-GE3 Datasheet HTML 12Page - Vishay Siliconix SI7234DP-T1-GE3 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
www.vishay.com
4
Document Number 71622
28-Feb-06
Vishay Siliconix
AN821
SYSTEM AND ELECTRICAL IMPACT OF
PowerPAK SO-8
In any design, one must take into account the change in
MOSFET rDS(on) with temperature (Figure 7).
A MOSFET generates internal heat due to the current
passing through the channel. This self-heating raises
the junction temperature of the device above that of the
PC board to which it is mounted, causing increased
power dissipation in the device. A major source of this
problem lies in the large values of the junction-to-foot
thermal resistance of the SO-8 package.
PowerPAK SO-8 minimizes the junction-to-board ther-
mal resistance to where the MOSFET die temperature is
very close to the temperature of the PC board. Consider
two devices mounted on a PC board heated to 105 °C
by other components on the board (Figure 8).
Suppose each device is dissipating 2.7 W. Using the
junction-to-foot thermal resistance characteristics of the
PowerPAK SO-8 and the standard SO-8, the die tem-
perature is determined to be 107 °C for the PowerPAK
(and for DPAK) and 148 °C for the standard SO-8. This
is a 2 °C rise above the board temperature for the Pow-
erPAK and a 43 °C rise for the standard SO-8. Referring
to Figure 7, a 2 °C difference has minimal effect on
rDS(on) whereas a 43C difference has a significant effect
on rDS(on).
Minimizing the thermal rise above the board tempera-
ture by using PowerPAK has not only eased the thermal
design but it has allowed the device to run cooler, keep
rDS(on) low, and permits the device to handle more cur-
rent than the same MOSFET die in the standard SO-8
package.
CONCLUSIONS
PowerPAK SO-8 has been shown to have the same
thermal performance as the DPAK package while hav-
ing the same footprint as the standard SO-8 package.
The PowerPAK SO-8 can hold larger die approximately
equal in size to the maximum that the DPAK can accom-
modate implying no sacrifice in performance because of
package limitations.
Recommended PowerPAK SO-8 land patterns are pro-
vided to aid in PC board layout for designs using this
new package.
Thermal considerations have indicated that significant
advantages can be gained by using PowerPAK SO-8
devices in designs where the PC board was laid out for
the standard SO-8. Applications experimental data gave
thermal performance data showing minimum and typical
thermal performance in a SO-8 environment, plus infor-
mation on the optimum thermal performance obtainable
including spreading copper. This further emphasized the
DPAK equivalency.
PowerPAK SO-8 therefore has the desired small size
characteristics of the SO-8 combined with the attractive
thermal characteristics of the DPAK package.
Figure 7. MOSFET rDS(on) vs. Temperature
Figure 8. Temperature of Devices on a PC Board
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V
ID = 23 A
On-Resistance vs. Junction Temperature
TJ - Junction Temperature (°C)
0.8 °C/W
107 °C
PowerPAK SO-8
16 C/W
148 °C
Standard SO-8
PC Board at 105 °C


Similar Part No. - SI7234DP-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7234DP-T1-GE3 VISHAY-SI7234DP-T1-GE3 Datasheet
374Kb / 13P
   Dual N-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7234DP-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7940DP VISHAY-SI7940DP Datasheet
52Kb / 5P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. B, 29-Jul-02
logo
Analog Power
AM6900NHE ANALOGPOWER-AM6900NHE Datasheet
401Kb / 5P
   Dual N-Channel 12-V (D-S) MOSFET
logo
Vishay Telefunken
SI7234DP TFUNK-SI7234DP Datasheet
343Kb / 13P
   Dual N-Channel 12-V (D-S) MOSFET
SIA910EDJ TFUNK-SIA910EDJ Datasheet
276Kb / 9P
   Dual N-Channel 12 V (D-S) MOSFET
logo
Vishay Siliconix
SIA912DJ VISHAY-SIA912DJ_V01 Datasheet
113Kb / 7P
   Dual N-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
DinTek Semiconductor Co...
DTSP1204 DINTEK-DTSP1204 Datasheet
712Kb / 8P
   Dual N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SIA912DJ VISHAY-SIA912DJ Datasheet
114Kb / 7P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. B, 03-Mar-08
SI7940DP VISHAY-SI7940DP_V01 Datasheet
304Kb / 12P
   Dual N-Channel 12-V (D-S) MOSFET
01-Jan-2022
SIA910EDJ VISHAY-SIA910EDJ_V01 Datasheet
279Kb / 9P
   Dual N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SIA910EDJ VISHAY-SIA910EDJ Datasheet
137Kb / 7P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. A, 02-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com