Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-B0853 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # Q62702-B0853
Description  Silicon Tuning Diode (For UHF-TV-tuners High capacitance ratio Low series inductance)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-B0853 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  Q62702-B0853 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-B0853 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-B0853 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-B0853 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BB 555
Semiconductor Group
Jul-28-1998
4
Normalized diode capacitance
C(TA) / C(25°C)= f (TA)
f = 1MHz, VR = Parameter
-30
-10
10
30
50
70
°C
110
TA
0.96
0.98
1.00
1.02
-
1.06
CTA
/
C25
1V
2V
25V
Semiconductor Group
4
1998-11-01


Similar Part No. - Q62702-B0853

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-B0854 SIEMENS-Q62702-B0854 Datasheet
16Kb / 3P
   Silicon Tuning Diode (For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
Q62702-B0858 SIEMENS-Q62702-B0858 Datasheet
14Kb / 3P
   Silicon Tuning Diode (High Q hyperabrupt tuning diode Low series inductance)
More results

Similar Description - Q62702-B0853

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BB659 SIEMENS-BB659 Datasheet
16Kb / 3P
   Silicon Tuning Diode (For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
BB565 SIEMENS-BB565 Datasheet
18Kb / 4P
   Silicon Variable Capacitance Diode (For UHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
BB545 SIEMENS-BB545 Datasheet
21Kb / 3P
   Silicon Tuning Diode (For tuning UHF and VHF TV Tuners Large capacitance ratio, low series resistance)
BB644 SIEMENS-BB644 Datasheet
25Kb / 3P
   Silicon Variable Capacitance Diode (For VHF TV-tuners High capacitance ratio Low series inductance)
BB664 SIEMENS-BB664 Datasheet
13Kb / 3P
   Silicon Variable Capacitance Diode (For VHF TV-tuners High capacitance ratio Low series inductance Low series resistance)
BB659C SIEMENS-BB659C Datasheet
16Kb / 3P
   Silicon Variable Capacitance Diode (For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
BB689 SIEMENS-BB689 Datasheet
13Kb / 3P
   Silicon Tuning Diode (For VHF 2-Band-hyperband-TV-tuners Very high capacitance ratio Low series inductance Low series resistance)
BB535 SIEMENS-BB535 Datasheet
23Kb / 4P
   Silicon Variable Capacitance Diode (For UHF and TV/TR tuners Large capacitance ratio, low series resistance)
BB669 SIEMENS-BB669 Datasheet
13Kb / 3P
   Silicon Tuning Diode (For VHF 2-Band-hyperband-TV-tuners Very high capacitance ratio Low series resistance)
BB515 SIEMENS-BB515 Datasheet
24Kb / 2P
   Silicon Variable Capacitance Diode (For UHF and VHF TV/VTR tuners Large capacitance ratio Low series resistance)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com