Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9105DN02 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI9105DN02
Description  1-W High-Voltage Switchmode Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9105DN02 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI9105DN02 Datasheet HTML 1Page - Vishay Siliconix SI9105DN02 Datasheet HTML 2Page - Vishay Siliconix SI9105DN02 Datasheet HTML 3Page - Vishay Siliconix SI9105DN02 Datasheet HTML 4Page - Vishay Siliconix SI9105DN02 Datasheet HTML 5Page - Vishay Siliconix SI9105DN02 Datasheet HTML 6Page - Vishay Siliconix SI9105DN02 Datasheet HTML 7Page - Vishay Siliconix SI9105DN02 Datasheet HTML 8Page - Vishay Siliconix SI9105DN02 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Vishay Siliconix
Si9105
Document Number: 70003
S-70497-Rev. I, 19-Mar-07
www.vishay.com
1
1-W High-Voltage Switchmode Regulator
FEATURES
CCITT Compatible
Current-Mode Control
Low Power Consumption (less than 5 mW)
10 to 120 V Input Range
200 V, 250 mA MOSFET
Internal Start-Up Circuit
Current-Mode Control
SHUTDOWN and RESET
DESCRIPTION
The Si9105 high-voltage switchmode regulator is a mono-
lithic BiC/DMOS integrated circuit which contains most of the
components necessary to implement a high-efficiency dc/dc
converter in ISDN terminals up to 3 watts. A 0.5 mA max
supply current makes possible the design of a dc/dc con-
verter with 60 % efficiency at 25 mW, therefore meeting the
recommended performance under the CCITT I.430 specifi-
cations.
This device may be used with an appropriate transformer to
implement isolated flyback power converter topologies to
provide single or multiple regulated dc outputs (i.e., ± 5 V).
The Si9105 is available in both standard and lead (Pb)-free
16-pin wide-body SOIC, 14-pin plastic DIP and 20-pin PLCC
packages which are specified to operate over the industrial
temperature range of - 40 °C to 85 °C.
FUNCTIONAL BLOCK DIAGRAM
+
-
-
+
+
-
+
-
+
-
FB
COMP
DISCHARGE
OSC
2 V
Ref
Gen
R
S
Q
R
S
Q
DRAIN
SOURCE
Current-Mode
Comparator
C/L
1.2 V
Undervoltage Comparator
RESET
8.7 V
9.3 V
BIAS
Current
Sources
To
Internal
Circuits
Comparator
Error
Amplifier
VREF
VCC
+VIN
VCC
SHUTDOWN
4 V (1 %)
Clock (½ fOSC)
OSC
OUT
OSC
IN
-VIN
(BODY)


Similar Part No. - SI9105DN02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9105DN02 VISHAY-SI9105DN02 Datasheet
76Kb / 7P
   1-W High-Voltage Switchmode Regulator
Rev. H, 15-Nov-04
More results

Similar Description - SI9105DN02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9108 VISHAY-SI9108_04 Datasheet
213Kb / 12P
   1-W High-Voltage Switchmode Regulator
Rev. B,15-Nov-04
SI9105 VISHAY-SI9105 Datasheet
76Kb / 7P
   1-W High-Voltage Switchmode Regulator
Rev. H, 15-Nov-04
SI9108 VISHAY-SI9108 Datasheet
100Kb / 5P
   1-W High-Voltage Switchmode Regulator
Rev. A, 05-Apr-99
SI9105 VISHAY-SI9105_V01 Datasheet
201Kb / 11P
   1-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9102 VISHAY-SI9102_07 Datasheet
277Kb / 10P
   3-W High-Voltage Switchmode Regulator
Rev. H, 19-Mar-07
SI9100 VISHAY-SI9100 Datasheet
88Kb / 8P
   3-W High-Voltage Switchmode Regulator
Rev. G, 15-Nov-04
SI9100 VISHAY-SI9100_V01 Datasheet
182Kb / 11P
   3-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9102 VISHAY-SI9102 Datasheet
76Kb / 7P
   3-W High-Voltage Switchmode Regulator
Rev. G, 15-Nov-04
SI9102 VISHAY-SI9102_V01 Datasheet
155Kb / 10P
   3-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9104 VISHAY-SI9104 Datasheet
121Kb / 5P
   High-Voltage Switchmode Regulator
Rev. B, 16-Apr-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com