Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9111DY Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI9111DY
Description  High-Voltage Switchmode Controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9111DY Datasheet(HTML) 4 Page - Vishay Siliconix

  SI9111DY Datasheet HTML 1Page - Vishay Siliconix SI9111DY Datasheet HTML 2Page - Vishay Siliconix SI9111DY Datasheet HTML 3Page - Vishay Siliconix SI9111DY Datasheet HTML 4Page - Vishay Siliconix SI9111DY Datasheet HTML 5Page - Vishay Siliconix SI9111DY Datasheet HTML 6Page - Vishay Siliconix SI9111DY Datasheet HTML 7Page - Vishay Siliconix SI9111DY Datasheet HTML 8Page - Vishay Siliconix SI9111DY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number: 70004
S11-0975-Rev. I, 16-May-11
Vishay Siliconix
Si9110, Si9111
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TIMING WAVEFORMS
TYPICAL CHARACTERISTICS
Figure 1.
90 %
OUTPUT
SENSE
1.5 V -
50 %
0
td
tr
10 ns
VCC
0
-
Figure 2.
90 %
OUTPUT
0 -
50 %
tf
10 ns
VCC
VCC
tSD
SHUTDOWN
0
-
Figure 3.
0
-
50 %
50 %
50 %
50 %
RESET
0
-
VCC
VCC
tSW
tLW
tRW
SHUTDOWN
tr, tf
10 ns
50 %
t
Figure 4. + VIN vs. + IIN at Start-Up
VCC = - VIN
140
120
100
80
60
40
20
0
10
15
20
+IIN (mA)
Figure 5. Output Switching Frequency
vs. Oscillator Resistance
1 M
10 k
100 k
10 k
100 k
1 M
rOSC (Ω)


Similar Part No. - SI9111DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9111DY VISHAY-SI9111DY Datasheet
107Kb / 8P
   High-Voltage Switchmode Controllers
Rev. H, 15-Nov-04
SI9111DY-T1 VISHAY-SI9111DY-T1 Datasheet
107Kb / 8P
   High-Voltage Switchmode Controllers
Rev. H, 15-Nov-04
SI9111DY-T1-E3 VISHAY-SI9111DY-T1-E3 Datasheet
107Kb / 8P
   High-Voltage Switchmode Controllers
Rev. H, 15-Nov-04
More results

Similar Description - SI9111DY

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TSC9110 TELEDYNE-TSC9110 Datasheet
457Kb / 7P
   high-voltage switchmode controllers
logo
Vishay Siliconix
SI9110 VISHAY-SI9110_V01 Datasheet
170Kb / 10P
   High-Voltage Switchmode Controllers
01-Jan-2022
SI9110 VISHAY-SI9110 Datasheet
107Kb / 8P
   High-Voltage Switchmode Controllers
Rev. H, 15-Nov-04
logo
Supertex, Inc
HV9100 SUTEX-HV9100 Datasheet
319Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9105 SUTEX-HV9105 Datasheet
320Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
logo
Vishay Siliconix
SI9112 VISHAY-SI9112 Datasheet
71Kb / 6P
   High-Voltage Switchmode Controller
Rev. H, 15-Nov-04
SI9112 VISHAY-SI9112_V01 Datasheet
161Kb / 9P
   High-Voltage Switchmode Controller
01-Jan-2022
SI9104 VISHAY-SI9104 Datasheet
121Kb / 5P
   High-Voltage Switchmode Regulator
Rev. B, 16-Apr-01
SI9104 VISHAY-SI9104_V01 Datasheet
175Kb / 8P
   High-Voltage Switchmode Regulator
02-Oct-12
SI9102 VISHAY-SI9102_07 Datasheet
277Kb / 10P
   3-W High-Voltage Switchmode Regulator
Rev. H, 19-Mar-07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com