Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9122ADLP-T1-E3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SI9122ADLP-T1-E3
Description  500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9122ADLP-T1-E3 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SI9122ADLP-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI9122ADLP-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI9122ADLP-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI9122ADLP-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI9122ADLP-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI9122ADLP-T1-E3 Datasheet HTML 9Page - Vishay Siliconix SI9122ADLP-T1-E3 Datasheet HTML 10Page - Vishay Siliconix SI9122ADLP-T1-E3 Datasheet HTML 11Page - Vishay Siliconix SI9122ADLP-T1-E3 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.vishay.com
8
Document Number: 73492
S-80038-Rev. D, 14-Jan-08
Vishay Siliconix
Si9122A
PIN CONFIGURATION
20
19
18
17
1
2
3
4
16
15
14
13
5
6
7
8
VIN
BST
REG_COMP
DH
VCC
LX
VREF
DL
GND
PGND
ROSC
SRH
EP
SRL
VINDET
SS
Si9122ADQ (TSSOP-20)
Top View
12
11
9
10
CS1
BBM
CS2
CL_CONT
Si9122ADLP (MLP65-20)
Top View
BST
DH
LX
DL
PGND
SRH
SRL
SS
BBM
CL_CONT
VIN
REG_COMP
VCC
VREF
GND
ROSC
EP
VINDET
CS1
CS2
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
ORDERING INFORMATION
Part Number
Temperature Range
Package
Si9122ADQ-T1-E3
- 40 °C to 85 °C
TSSOP-20
Si9122ADLP-T1-E3
MLP65-20
Eval Board
Temperature Range
Board Type
Contact Factory
- 10 °C to 70 °C
Surface Mount and Thru-Hole
PIN DESCRIPTION
Pin Number
Name
Function
1
VIN
Input supply voltage for the start-up circuit
2
REG_COMP
Control signal for an external pass transistor
3
VCC
Supply voltage for internal circuitry
4
VREF
3.3 V reference
5
GND
Ground
6
ROSC
External resistor connection to oscillator
7
EP
Voltage control input
8
VINDET
VIN under voltage detect and shutdown function input. Shuts down or disables switching when VINDET
falls below preset threshold voltages and provides the feed forward voltage.
9
CS1
Current limit amplifier negative input
10
CS2
Current limit amplifier positive input
11
CL_CONT
Current limit compensation
12
BBM
Programmable break-before-make time connection to an external resistor to set time delay
13
SS
Soft-start control - external capacitor connection
14
SRL
Signal transformer drive, sequenced with the primary side
15
SRH
Signal transformer drive, sequenced with the primary side
16
PGND
Power ground.
17
DL
Low-side gate drive signal - primary
18
LX
High-side source and transformer connection node
19
DH
High-side gate drive signal - primary
20
BST
Bootstrap voltage to drive the high-side N-Channel MOSFET switch


Similar Part No. - SI9122ADLP-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9122A VISHAY-SI9122A Datasheet
241Kb / 15P
   500-kHz Half-Bridge DC/DC Controller With Integrated Secondary Synchronous Rectification Drivers
Rev. A, 12-Sep-05
SI9122A VISHAY-SI9122A Datasheet
386Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
SI9122A VISHAY-SI9122A_V01 Datasheet
386Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
More results

Similar Description - SI9122ADLP-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9122E VISHAY-SI9122E_V01 Datasheet
377Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
SI9122A VISHAY-SI9122A Datasheet
241Kb / 15P
   500-kHz Half-Bridge DC/DC Controller With Integrated Secondary Synchronous Rectification Drivers
Rev. A, 12-Sep-05
SI9122 VISHAY-SI9122_V01 Datasheet
322Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
SI9122 VISHAY-SI9122_08 Datasheet
330Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
Rev. J, 14-Jan-08
SI9122E VISHAY-SI9122E Datasheet
376Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
Rev. D, 21-Jan-08
SI9122A VISHAY-SI9122A_V01 Datasheet
386Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
SI9122 VISHAY-SI9122 Datasheet
218Kb / 17P
   500-kHz Half-Bridge DC-DC Converter With Integrated Secondary Synchronous Rectification Drivers
Rev. F, 18-Oct-04
SI9123 VISHAY-SI9123 Datasheet
181Kb / 16P
   500-kHz Half-Bridge DC-DC Converter With Integrated Secondary Synchronous Rectification Control
Rev. B, 20-Mar-03
SI9124 VISHAY-SI9124 Datasheet
172Kb / 16P
   500-kHz Push-Pull DC-DC Converter With Integrated Secondary Synchronous Rectification Control
Rev. B, 20-Mar-03
logo
ON Semiconductor
MC33470 ONSEMI-MC33470_06 Datasheet
189Kb / 15P
   Synchronous Rectification DC/DC Converter Programmable Integrated Controller
August, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com