Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9135LG-T1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI9135LG-T1
Description  SMBus Multi-Output Power-Supply Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9135LG-T1 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI9135LG-T1 Datasheet HTML 1Page - Vishay Siliconix SI9135LG-T1 Datasheet HTML 2Page - Vishay Siliconix SI9135LG-T1 Datasheet HTML 3Page - Vishay Siliconix SI9135LG-T1 Datasheet HTML 4Page - Vishay Siliconix SI9135LG-T1 Datasheet HTML 5Page - Vishay Siliconix SI9135LG-T1 Datasheet HTML 6Page - Vishay Siliconix SI9135LG-T1 Datasheet HTML 7Page - Vishay Siliconix SI9135LG-T1 Datasheet HTML 8Page - Vishay Siliconix SI9135LG-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.vishay.com
4
Document Number: 70817
S11-0975-Rev. D, 16-May-11
Vishay Siliconix
Si9135
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PIN CONFIGURATION
CS3
FB3
FBFY
SSOP-28
DH3
BSTFY
LX3
DHFY
BST3
LXFY
DLFY
CSP
DL3
VIN
VL
Top View
25
26
27
28
2
3
4
1
22
23
24
5
6
7
CSN
FB5
GND
PGND
COMP
DL5
REF
BST5
SYNC
SCL
SDA
LX5
DH5
CS5
18
19
20
21
9
10
11
8
15
16
17
12
12
14
ORDERING INFORMATION
Part Number
Lead (Pb)-free
Part Number
Temperature
Range
VOUT
Si9135LG
0 to 90 °C
3.3 V, 5 V, 12 V
Si9135LG-T1
Si9135LG-T1-E3
PIN DESCRIPTION
Pin Number
Symbol
Description
1
CS3
Current sense input for 3.3 V buck.
2
FBFY
Feedback for flyback.
3
BSTFY
Boost capacitor connection for flyback converter.
4
DHFY
Gate-drive output for flyback high-side MOSFET.
5
LXFY
Inductor connection for flyback converter.
6
DLFY
Gate-drive output for flyback low-side MOSFET.
7
CSP
Current sense positive input for flyback converter.
8
CSN
Current sense negative input for flyback converter.
9
GND
Analog ground.
10
COMP
Flyback compensation connection, if required.
11
REF
3.3 V internal reference.
12
SYNC
Oscillator synchronization inputs.
13
SCL
SMBUS clock line.
14
SDA
SMBUS data line.
15
CS5
Current sense input for 5 V buck controller.
16
DH5
Inductor connection for buck 5 V.
17
LX5
Gate-drive output for 5 V buck high-side MOSFET.
18
BST5
Boost capacitor connection for 5 V buck converter.
19
DL5
Gate-drive output for 5 V buck low-side MOSFET.
20
PGND
Power ground.
21
FB5
Feedback for 5 V buck.
22
VL
5 V logic supply voltage for internal circuitry.
23
VIN
Input voltage
24
DL3
Gate-drive output for 3.3 V buck low-side MOSFET.
25
BST3
Boost capacitor connection for 3.3 V buck converter.
26
LX3
Inductor connection for 3.3 V buck low-side MOSFET.
27
DH3
Gate-drive output for 3.3 V buck high-side MOSFET.
28
FB3
Feedback for 3.3 V buck.


Similar Part No. - SI9135LG-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9135LG VISHAY-SI9135LG Datasheet
453Kb / 14P
   SMBus Multi-Output Power-Supply Controller
Rev. B, 05-Apr-99
More results

Similar Description - SI9135LG-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9135 VISHAY-SI9135 Datasheet
453Kb / 14P
   SMBus Multi-Output Power-Supply Controller
Rev. B, 05-Apr-99
SI9136 VISHAY-SI9136_11 Datasheet
259Kb / 16P
   Multi-Output Power-Supply Controller
Rev. D, 16-May-11
SI9136 VISHAY-SI9136 Datasheet
178Kb / 14P
   Multi-Output Power-Supply Controller
Rev. C, 03-Apr-00
SI9136 VISHAY-SI9136_V01 Datasheet
224Kb / 16P
   Multi-Output Power-Supply Controller
01-Jan-2022
logo
Motorola, Inc
MC33394 MOTOROLA-MC33394 Datasheet
408Kb / 44P
   MULTI OUTPUT POWER SUPPLY
logo
Vishay Siliconix
SI9139 VISHAY-SI9139 Datasheet
162Kb / 17P
   Multi-Output, Individual On/Off Control Power-Supply Controller
Rev. A, 16-Dec-02
SI9138 VISHAY-SI9138 Datasheet
150Kb / 14P
   Multi-Output, Individual On/Off Control Power-Supply Controller
Rev. B, 13-May-02
logo
Panasonic Semiconductor
AN8072N PANASONIC-AN8072N Datasheet
39Kb / 4P
   Multi Output Power Supply Regulator
logo
Vishay Siliconix
SI9137 VISHAY-SI9137 Datasheet
156Kb / 14P
   Multi-Output, Sequence Selectable Power-Supply Controller for Mobile Applications
Rev. B, 13-May-02
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
   Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com