Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9165 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SI9165
Description  High Frequency 600-mA Synchronous Buck/Boost Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9165 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SI9165_07 Datasheet HTML 2Page - Vishay Siliconix SI9165_07 Datasheet HTML 3Page - Vishay Siliconix SI9165_07 Datasheet HTML 4Page - Vishay Siliconix SI9165_07 Datasheet HTML 5Page - Vishay Siliconix SI9165_07 Datasheet HTML 6Page - Vishay Siliconix SI9165_07 Datasheet HTML 7Page - Vishay Siliconix SI9165_07 Datasheet HTML 8Page - Vishay Siliconix SI9165_07 Datasheet HTML 9Page - Vishay Siliconix SI9165_07 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
1.00
SEATING
PLANE
1.00 DIA.
D
B
E
E/2
4X
0.20 C A−BD
0.20 H A−BD
2X N/2 TIPS
1.00
A
N
12 3
SEE
DETAIL ‘A’
CL
B
B
c
e/2
X X = A and B
LEAD SIDES
TOP VIEW
H
C
aaa C
A1
A2
A
M
C
bbb
A−B
D
9
0.05
C
b
e
D
SIDE VIEW
DETAIL ‘A’
(SCALE: 30/1)
(VIEW ROTATED 90_ C.W.)
(14_)
H
(14_)
6
+
+
L
(
)
0.25
PARTING
LINE
END VIEW
E1
Package Information
Vishay Siliconix
Document Number: 72818
28-Jan-04
www.vishay.com
1
TSSOP: 20-LEAD (POWER IC ONLY)
MILLIMETERS
Dim
Min
Nom
Max
A
1.10
A1
0.05
0.15
A2
0.85
0.90
0.95
aaa
0.076
b
0.19
0.30
b1
0.19
0.22
0.25
bbb
0.10
c
0.09
0.20
c1
0.09
0.127
0.16
D
6.50 BSC
E
6.40 BSC
E1
4.30
4.40
4.50
e
0.65 BSC
L
0.50
0.60
0.70
N
20
P
4.2
P1
3.0
0_
8_
ECN: S-40082—Rev. A, 02-Feb-04
DWG: 5923


Similar Part No. - SI9165_07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9165 VISHAY-SI9165 Datasheet
74Kb / 8P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. C, 19-Apr-04
More results

Similar Description - SI9165_07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9165 VISHAY-SI9165 Datasheet
74Kb / 8P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. C, 19-Apr-04
SI9169 VISHAY-SI9169 Datasheet
76Kb / 8P
   High Frequency 1-A Synchronous Buck/Boost Converter
Rev. D, 19-Apr-04
SI9169 VISHAY-SI9169_07 Datasheet
456Kb / 10P
   High Frequency 1-A Synchronous Buck/Boost Converter
Rev. E, 08-Oct-07
SI9169 VISHAY-SI9169_V01 Datasheet
173Kb / 10P
   High Frequency 1-A Synchronous Buck/Boost Converter
01-Jan-2022
logo
Texas Instruments
TPS61070 TI-TPS61070 Datasheet
487Kb / 21P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070 TI-TPS61070_07 Datasheet
505Kb / 25P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070TDDCRQ1 TI1-TPS61070TDDCRQ1 Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61071-Q1 TI1-TPS61071-Q1 Datasheet
575Kb / 24P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
logo
Analog Devices
ADP2503 AD-ADP2503 Datasheet
1Mb / 16P
   600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
Rev. PrB
logo
Texas Instruments
TPS61070 TI-TPS61070_15 Datasheet
998Kb / 28P
[Old version datasheet]   TPS6107x 90% Efficient Synchronous Boost Converter With 600-mA Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com