Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9176DH-T1 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SI9176DH-T1
Description  High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9176DH-T1 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SI9176DH-T1 Datasheet HTML 5Page - Vishay Siliconix SI9176DH-T1 Datasheet HTML 6Page - Vishay Siliconix SI9176DH-T1 Datasheet HTML 7Page - Vishay Siliconix SI9176DH-T1 Datasheet HTML 8Page - Vishay Siliconix SI9176DH-T1 Datasheet HTML 9Page - Vishay Siliconix SI9176DH-T1 Datasheet HTML 10Page - Vishay Siliconix SI9176DH-T1 Datasheet HTML 11Page - Vishay Siliconix SI9176DH-T1 Datasheet HTML 12Page - Vishay Siliconix SI9176DH-T1 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Si9176
Vishay Siliconix
Document Number: 71753
S-41148—Rev. C, 14-Jun-04
www.vishay.com
9
TYPICAL SWITCHING WAVEFORMS (VIN = 3.6 V, VOUT = 3.0 V)
200 nS/div
VLX, 5 V/div
Inductor Current
500 mA/div
VOUT
(AC-Coupled)
10 mV/div
PWM mode Heavy-Load Switching Waveforms,
IOUT = 600 mA, MODE = HIGH
PWM Mode Medium-Load Switching Waveforms,
IOUT = 300 mA, MODE = HIGH
200 nS/div
VLX, 2 V/div
Inductor Current
500 mA/div
VOUT
(AC-Coupled)
10 mV/div
200 nS/div
VLX, 5 V/div
Inductor Current
200 mA/div
VOUT
(AC-Coupled)
10 mV/div
PWM Mode Light-Load Switching Waveforms,
IOUT = 0 mA, MODE = HIGH
1.0 mS/div
VLX, 5 V/div
Inductor Current
200 mA/div
VOUT
(AC-Coupled)
10 mV/div
PSM Mode Light-Load Switching Waveforms,
IOUT = 150 mA, MODE = OPEN
2.0 mS/div
VLX, 5 V/div
Inductor Current
200 mA/div
VOUT
(AC-Coupled)
100 mV/div
PSM Mode Light-Load Switching Waveforms,
IOUT = 30 mA, MODE = OPEN


Similar Part No. - SI9176DH-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9176DH-T1 VISHAY-SI9176DH-T1 Datasheet
328Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
More results

Similar Description - SI9176DH-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9175 VISHAY-SI9175 Datasheet
334Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SIP12101 VISHAY-SIP12101 Datasheet
220Kb / 13P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. B, 03-Aug-09
SI9176 VISHAY-SI9176 Datasheet
328Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SI9175 VISHAY-SI9175_04 Datasheet
289Kb / 17P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. C, 14-Jun-04
SI9174 VISHAY-SI9174 Datasheet
296Kb / 17P
   High Performance Step-Down DC-DC Converter With Dynamically Adjustable Output Voltage
Rev. C, 14-jun-04
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com