Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9988 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI9988
Description  Buffered H-Bridge
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9988 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI9988_04 Datasheet HTML 1Page - Vishay Siliconix SI9988_04 Datasheet HTML 2Page - Vishay Siliconix SI9988_04 Datasheet HTML 3Page - Vishay Siliconix SI9988_04 Datasheet HTML 4Page - Vishay Siliconix SI9988_04 Datasheet HTML 5Page - Vishay Siliconix SI9988_04 Datasheet HTML 6Page - Vishay Siliconix SI9988_04 Datasheet HTML 7Page - Vishay Siliconix SI9988_04 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Si9988
Vishay Siliconix
Document Number: 71326
S-40696—Rev. B, 19-Apr-04
www.vishay.com
3
SPECIFICATIONS
Test Conditions
Unless Otherwise Specified
Limits
D Suffix, −40 to 85_C
Parameter
Symbol
VDD = 3.8 to 13.2 V
SA @ GND, SB @ GND
Mina
Typb
Maxa
Unit
Dynamic
Propogation Delay OUTAd
TPLH
300
Propogation Delay − OUTAd
TPHL
115
Propogation Delay OUTBd
TPLH
VDD = 5 V EN = 0 V
75
nS
Propogation Delay − OUTBd
TPHL
VDD = 5 V, EN = 0 V
330
nS
Break-Before-Maked
BBMPLH
225
Break-Before-Maked
BBMPHL
215
Notes
a.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
b.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing, measured TA = 25_C.
c.
Min and Max value mesaured at TJ = 135_C.
d.
PLH = PWM low to high, PHL = PWM high to low.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
30
60
90
120
150
3579
11
13
15
0
1
2
3
4
5
3579
11
13
15
Supply Current vs. Supply Voltage
VDD − Supply Voltage (V)
f = 100 kHz
Standby Current vs. Supply Voltage
VDD − Supply Voltage (V)
0
50
100
150
200
250
300
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
3
6
9
12
15
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Output High Voltage vs. Output Current
Output Low Voltage vs. Output Current
Output Current (A)
Output Current (A)
VDD = 13.2 V
VDD = 3.8 V
5 V
3.8 V
5 V
10.8 V
10.8 V
13.2 V
EN = 4.5 V
EN = 0 V


Similar Part No. - SI9988_04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9988DQ-T1 VISHAY-SI9988DQ-T1 Datasheet
35Kb / 5P
   Buffered H-Bridge
Rev. A, 09-Oct-00
SI9988DQ-T1 VISHAY-SI9988DQ-T1 Datasheet
143Kb / 7P
   Buffered H-Bridge Driver with Integrate MOSFET
01-Jan-2022
SI9988DQ-T1-E3 VISHAY-SI9988DQ-T1-E3 Datasheet
143Kb / 7P
   Buffered H-Bridge Driver with Integrate MOSFET
01-Jan-2022
SI9988 VISHAY-SI9988_V01 Datasheet
143Kb / 7P
   Buffered H-Bridge Driver with Integrate MOSFET
01-Jan-2022
More results

Similar Description - SI9988_04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9987 VISHAY-SI9987 Datasheet
85Kb / 5P
   Buffered H-Bridge
Rev. D, 16-Feb-04
SI9987CY-T1 VISHAY-SI9987CY-T1 Datasheet
153Kb / 7P
   Buffered H-Bridge
Rev. D, 16-Feb-04
SI9986 VISHAY-SI9986_05 Datasheet
73Kb / 5P
   Buffered H-Bridge
Rev. E, 16-Feb-04
SI9987DY-T1-E3 VISHAY-SI9987DY-T1-E3 Datasheet
153Kb / 7P
   Buffered H-Bridge
Rev. D, 16-Feb-04
SI9986 VISHAY-SI9986 Datasheet
43Kb / 4P
   Buffered H-Bridge
Rev. E, 16-Feb-04
SI9986 VISHAY-SI9986_07 Datasheet
125Kb / 6P
   Buffered H-Bridge
Rev. F, 22-Oct-07
SI9988 VISHAY-SI9988 Datasheet
35Kb / 5P
   Buffered H-Bridge
Rev. A, 09-Oct-00
SI9986 VISHAY-SI9986_V01 Datasheet
152Kb / 6P
   Buffered H-Bridge Driver with Integrate MOSFET
01-Jan-2022
SI9987 VISHAY-SI9987_V01 Datasheet
152Kb / 6P
   Buffered H-Bridge Driver with Integrate MOSFET
01-Jan-2022
SI9988 VISHAY-SI9988_V01 Datasheet
143Kb / 7P
   Buffered H-Bridge Driver with Integrate MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com