Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9986DY-T1-E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI9986DY-T1-E3
Description  Buffered H-Bridge
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9986DY-T1-E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI9986DY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI9986DY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI9986DY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI9986DY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI9986DY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI9986DY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number: 70007
S-72211-Rev. F, 22-Oct-07
Vishay Siliconix
Si9986
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?70007.
Supply Current vs. Frequency
0
3
6
9
12
15
0
50
100
150
200
VDD = 13.2 V
f - Frequency (kHz)
5.5 V
3.8 V
Propagation Time vs. Supply Voltage
VDD - Supply Voltage (V)
0
100
200
300
400
500
600
3
6
9
12
15
TPLH
TPHL


Similar Part No. - SI9986DY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9986DY-T1-E3 VISHAY-SI9986DY-T1-E3 Datasheet
43Kb / 4P
   Buffered H-Bridge
Rev. E, 16-Feb-04
SI9986DY-T1-E3 VISHAY-SI9986DY-T1-E3 Datasheet
73Kb / 5P
   Buffered H-Bridge
Rev. E, 16-Feb-04
More results

Similar Description - SI9986DY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9987 VISHAY-SI9987 Datasheet
85Kb / 5P
   Buffered H-Bridge
Rev. D, 16-Feb-04
SI9987CY-T1 VISHAY-SI9987CY-T1 Datasheet
153Kb / 7P
   Buffered H-Bridge
Rev. D, 16-Feb-04
SI9988 VISHAY-SI9988_04 Datasheet
129Kb / 8P
   Buffered H-Bridge
Rev. B, 19-Apr-04
SI9986 VISHAY-SI9986_05 Datasheet
73Kb / 5P
   Buffered H-Bridge
Rev. E, 16-Feb-04
SI9987DY-T1-E3 VISHAY-SI9987DY-T1-E3 Datasheet
153Kb / 7P
   Buffered H-Bridge
Rev. D, 16-Feb-04
SI9986 VISHAY-SI9986 Datasheet
43Kb / 4P
   Buffered H-Bridge
Rev. E, 16-Feb-04
SI9988 VISHAY-SI9988 Datasheet
35Kb / 5P
   Buffered H-Bridge
Rev. A, 09-Oct-00
SI9986 VISHAY-SI9986_V01 Datasheet
152Kb / 6P
   Buffered H-Bridge Driver with Integrate MOSFET
01-Jan-2022
SI9987 VISHAY-SI9987_V01 Datasheet
152Kb / 6P
   Buffered H-Bridge Driver with Integrate MOSFET
01-Jan-2022
SI9988 VISHAY-SI9988_V01 Datasheet
143Kb / 7P
   Buffered H-Bridge Driver with Integrate MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com