Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9986DY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI9986DY
Description  Buffered H-Bridge
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9986DY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI9986DY Datasheet HTML 1Page - Vishay Siliconix SI9986DY Datasheet HTML 2Page - Vishay Siliconix SI9986DY Datasheet HTML 3Page - Vishay Siliconix SI9986DY Datasheet HTML 4Page - Vishay Siliconix SI9986DY Datasheet HTML 5Page - Vishay Siliconix SI9986DY Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vishay Siliconix
Si9986
Document Number: 70007
S-72211-Rev. F, 22-Oct-07
www.vishay.com
1
Buffered H-Bridge
FEATURES
1.0 A H-Bridge
200 kHz Switching Rate
Shoot-Through Limited
TTL Compatible Inputs
3.8 to 13.2 V Operating Range
Surface Mount Packaging
APPLICATIONS
VCM Driver
Brushed Motor Driver
Stepper Motor Driver
Power Converter
Optical Disk Drives
Power Supplies
High Performance Servo
DESCRIPTION
The Si9986 is an integrated, buffered H-bridge with TTL
compatible inputs and the capability of delivering a
continuous 1.0 A at VDD = 12 V (room temperature) at
switching rates up to 200 kHz. Internal logic prevents the
upper and lower outputs of either half-bridge from being
turned on simultaneously. Unique input codes allow both
outputs to be forced low (for braking) or forced to a high
impedance level.
The Si9986 is available in both standard and lead (Pb)-free,
8-pin SOIC packages, specified to operate over a voltage
range of 3.8 V to 13.2 V, and the commercial temperature
range of 0 to 70 °C (C suffix) and the industrial temperature
range of - 40 to 85 °C (D suffix).
FUNCTIONAL BLOCK DIAGRAM, PIN CONFIGURATION AND TRUTH TABLE
VDD
OUTPUT
AB
INA
INB
GND
SA
Shoot-Through
Protection Logic
SB
(3)
(7)
(6)
(2)
(1)
(8)
(5)
(4)
GND
SO-8
5
6
7
8
Top View
2
3
4
1
SA
OUTA
VDD
INA
INB
SB
OUTB
Si9986
PIN DESCRIPTION
Pin
Number
Name
Function
1
SA
Source of the low-side MOSFET on bridge arm A
2
GND
Ground
3
VDD
IC power supply
4
SB
Source of the low-side MOSFET on bridge arm B
5
OUTB
Center tap of bridge arm B. Connects to one end
of the load
6
INB
Input signal to control bridge arm B
7
INA
Input signal to control bridge arm A
8
OUTA
Center tap of bridge arm A. Connects to the other
end of the load
ORDERING INFORMATION
Part Number
Temperature
Range
Package
Si9986CY-T1
0 to 70 °C
Tape and Reel
Si9986DY-T1
- 40 to 85 °C
Si9986CY-T1-E3
0 to 70 °C
Lead (Pb)-free
Tape and Reel
Si9986DY-T1-E3
- 40 to 85 °C
Si9986CY
0 to 70 °C
Bulk (tubes)
Si9986DY
- 40 to 85 °C
TRUTH TABLE
INA
INB
OUTA
OUTB
10
10
01
01
00
00
11
HiZ
HiZ
* Pb containing terminations are not RoHS compliant, exemptions may apply.
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - SI9986DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9986DY VISHAY-SI9986DY Datasheet
43Kb / 4P
   Buffered H-Bridge
Rev. E, 16-Feb-04
SI9986DY VISHAY-SI9986DY Datasheet
73Kb / 5P
   Buffered H-Bridge
Rev. E, 16-Feb-04
SI9986DY-T1 VISHAY-SI9986DY-T1 Datasheet
43Kb / 4P
   Buffered H-Bridge
Rev. E, 16-Feb-04
SI9986DY-T1 VISHAY-SI9986DY-T1 Datasheet
73Kb / 5P
   Buffered H-Bridge
Rev. E, 16-Feb-04
SI9986DY-T1-E3 VISHAY-SI9986DY-T1-E3 Datasheet
43Kb / 4P
   Buffered H-Bridge
Rev. E, 16-Feb-04
More results

Similar Description - SI9986DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9987 VISHAY-SI9987 Datasheet
85Kb / 5P
   Buffered H-Bridge
Rev. D, 16-Feb-04
SI9987CY-T1 VISHAY-SI9987CY-T1 Datasheet
153Kb / 7P
   Buffered H-Bridge
Rev. D, 16-Feb-04
SI9988 VISHAY-SI9988_04 Datasheet
129Kb / 8P
   Buffered H-Bridge
Rev. B, 19-Apr-04
SI9986 VISHAY-SI9986_05 Datasheet
73Kb / 5P
   Buffered H-Bridge
Rev. E, 16-Feb-04
SI9987DY-T1-E3 VISHAY-SI9987DY-T1-E3 Datasheet
153Kb / 7P
   Buffered H-Bridge
Rev. D, 16-Feb-04
SI9986 VISHAY-SI9986 Datasheet
43Kb / 4P
   Buffered H-Bridge
Rev. E, 16-Feb-04
SI9988 VISHAY-SI9988 Datasheet
35Kb / 5P
   Buffered H-Bridge
Rev. A, 09-Oct-00
SI9986 VISHAY-SI9986_V01 Datasheet
152Kb / 6P
   Buffered H-Bridge Driver with Integrate MOSFET
01-Jan-2022
SI9987 VISHAY-SI9987_V01 Datasheet
152Kb / 6P
   Buffered H-Bridge Driver with Integrate MOSFET
01-Jan-2022
SI9988 VISHAY-SI9988_V01 Datasheet
143Kb / 7P
   Buffered H-Bridge Driver with Integrate MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com