Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2540F128RHAT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CC2540F128RHAT
Description  2.4-GHz Bluetooth low energy System-on-Chip
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2540F128RHAT Datasheet(HTML) 5 Page - Texas Instruments

  CC2540F128RHAT Datasheet HTML 1Page - Texas Instruments CC2540F128RHAT Datasheet HTML 2Page - Texas Instruments CC2540F128RHAT Datasheet HTML 3Page - Texas Instruments CC2540F128RHAT Datasheet HTML 4Page - Texas Instruments CC2540F128RHAT Datasheet HTML 5Page - Texas Instruments CC2540F128RHAT Datasheet HTML 6Page - Texas Instruments CC2540F128RHAT Datasheet HTML 7Page - Texas Instruments CC2540F128RHAT Datasheet HTML 8Page - Texas Instruments CC2540F128RHAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
CC2540F128, CC2540F256
www.ti.com
SWRS084B
– OCTOBER 2010 – REVISED JULY 2011
GENERAL CHARACTERISTICS
Measured on Texas Instruments CC2540 EM reference design with TA = 25°C and VDD = 3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
WAKE-UP AND TIMING
Digital regulator on, 16-MHz RCOSC and 32-MHz crystal
Power mode 1
→ Active
4
μs
oscillator off. Start-up of 16-MHz RCOSC
Digital regulator off, 16-MHz RCOSC and 32-MHz crystal
Power mode 2 or 3
→ Active
120
μs
oscillator off. Start-up of regulator and 16-MHz RCOSC
Crystal ESR = 16
Ω. Initially running on 16-MHz RCOSC,
410
μs
with 32-MHz XOSC OFF
Active
→ TX or RX
With 32-MHz XOSC initially on
160
μs
RX/TX turnaround
150
μs
RADIO PART
RF frequency range
Programmable in 2-MHz steps
2402
2480
MHz
Data rate and modulation format
1 Mbps, GFSK, 250 kHz deviation
RF RECEIVE SECTION
Measured on Texas Instruments CC2540 EM reference design with TA = 25°C, VDD = 3 V, fc = 2440 MHz
1 Mbps, GFSK, 250-kHz deviation, Bluetooth low energy mode, and 0.1% BER
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Receiver sensitivity(2)
High-gain mode
–93
dBm
Receiver sensitivity(2)
Standard mode
–87
dBm
Saturation(3)
6
dBm
Co-channel rejection(3)
–5
dB
Adjacent-channel rejection(3)
±1 MHz
–5
dB
Alternate-channel rejection(3)
±2 MHz
30
dB
Blocking(3)
–30
dBm
Frequency error tolerance(4)
Including both initial tolerance and drift
–250
250
kHz
Symbol rate error tolerance(5)
–80
80
ppm
Conducted measurement with a 50-
Ω single-ended load.
Spurious emission. Only largest spurious
Complies with EN 300 328, EN 300 440 class 2, FCC CFR47,
–75
dBm
emission stated within each band.
Part 15 and ARIB STD-T-66
RX mode, standard mode, no peripherals active, low MCU
19.6
activity, MCU at 250 kHz
Current consumption
mA
RX mode, high-gain mode, no peripherals active, low MCU
22.1
activity, MCU at 250 kHz
(1)
0.1% BER maps to 30.8% PER
(2)
The receiver sensitivity setting is programmable using a TI BLE stack vendor-specific API command. The default value is standard
mode.
(3)
Results based on standard gain mode
(4)
Difference between center frequency of the received RF signal and local oscillator frequency
(5)
Difference between incoming symbol rate and the internally generated symbol rate
Copyright
© 2010–2011, Texas Instruments Incorporated
5


Similar Part No. - CC2540F128RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540F128RHAT TI1-CC2540F128RHAT Datasheet
771Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth짰 low energy System-on-Chip
CC2540F128RHAT TI1-CC2540F128RHAT Datasheet
1Mb / 36P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
CC2540F128RHAT TI1-CC2540F128RHAT Datasheet
1Mb / 35P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
More results

Similar Description - CC2540F128RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540F128 TI1-CC2540F128_14 Datasheet
1Mb / 36P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
CC2540F128 TI1-CC2540F128_16 Datasheet
1Mb / 35P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
CC2541F128RHAR TI-CC2541F128RHAR Datasheet
429Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F256RHAT TI1-CC2541F256RHAT Datasheet
440Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
CC2541F256RHAR TI-CC2541F256RHAR Datasheet
345Kb / 30P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI-CC2541_15 Datasheet
921Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI-CC2541_12 Datasheet
742Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI1-CC2541 Datasheet
972Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
logo
Nordic Semiconductor
NRF51802 NORDIC-NRF51802 Datasheet
5Mb / 85P
   Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
v1.2
logo
Texas Instruments
CC2540F128 TI1-CC2540F128 Datasheet
771Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth짰 low energy System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com