Electronic Components Datasheet Search |
|
SIB408DK Datasheet(PDF) 1 Page - Vishay Siliconix |
|
SIB408DK Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 9 page Vishay Siliconix SiB408DK New Product Document Number: 64828 S09-0859-Rev. A, 18-May-09 www.vishay.com 1 N-Channel 30-V (D-S) MOSFET PRODUCT SUMMARY VDS (V) RDS(on) (Ω)ID (A) Qg (Typ.) 30 0.040 at VGS = 10 V 7a 2.9 nC 0.050 at VGS = 4.5 V 7a Marking Code X X X A E X Lot Traceability and Date code Part # code Ordering Information: SiB408DK-T1-GE3 (Lead (Pb)-free and Halogen-free) PowerPAK SC-75-6L-Single 6 5 4 1 2 3 D D D D G S S 1.60 mm 1.60 mm N-Channel MOSFET G D S Notes: a. Package limited. b. Surface Mounted on 1" x 1" FR4 board. c. t = 5 s. d. See Solder Profile ( www.vishay.com/ppg?73257). The PowerPAK SC-75 is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure adequate bottom side solder interconnection. e. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components. f. Maximum under Steady State conditions is 105 °C/W. ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted Parameter Symbol Limit Unit Drain-Source Voltage VDS 30 V Gate-Source Voltage VGS ± 20 Continuous Drain Current (TJ = 150 °C) TC = 25 °C ID 7a A TC = 70 °C 7a TA = 25 °C 6b, c TA = 70 °C 4.8b, c Pulsed Drain Current IDM 20 Continuous Source-Drain Diode Current TC = 25 °C IS 7a TA = 25 °C 2b, c Avalanche Current Pulse L = 0.1 mH IAS 10 Avalanche Energy EAS 5mJ Maximum Power Dissipation TC = 25 °C PD 13 W TC = 70 °C 8.4 TA = 25 °C 2.4b, c TA = 70 °C 1.6b, c Operating Junction and Storage Temperature Range TJ, Tstg - 55 to 150 °C Soldering Recommendations (Peak Temperature)d, e 260 THERMAL RESISTANCE RATINGS Parameter Symbol Typical Maximum Unit Maximum Junction-to-Ambientb, f t ≤ 5 s RthJA 41 51 °C/W Maximum Junction-to-Case (Drain) Steady State RthJC 7.5 9.5 FEATURES • Halogen-free According to IEC 61249-2-21 Definition • TrenchFET® Power MOSFET • New Thermally Enhanced PowerPAK® SC-75 Package - Small Footprint Area - Low On-Resistance • 100 % Rg Tested • 100 % UIS Tested • Compliant to RoHS Directive 2002/95/EC APPLICATIONS • Notebook - Load Switch |
Similar Part No. - SIB408DK |
|
Similar Description - SIB408DK |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |