Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-B0880 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q62702-B0880
Description  Silicon Variable Capacitance Diode (For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-B0880 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q62702-B0880 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-B0880 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-B0880 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BB 659C
Semiconductor Group
Jul-24-1998
1
Silicon Variable Capacitance Diode
• For VHF-TV-tuners
• High capacitance ratio
• Low series inductance
• Low series resistance
• Extremely small plastic SMD package
• Excellent uniformity and matching due to
"in-line" matching assembly procedure
1
VES05991
2
Ordering Code
Pin Configuration Package
Marking
Type
BB 659C
BB 659C
H
H
Q62702-B0884 inline matched
Q62702-B0880 unmatched
1 = C
2 = A
SCD-80
Maximum Ratings
Symbol
Value
Parameter
Unit
Diode reverse voltage
V
30
VR
VRM
Peak reverse voltage (
R
≥ 5kΩ)
35
mA
20
IF
Forward current
Operating temperature range
- 55 ...+150
°C
Top
Tstg
- 55 ...+150
Storage temperature
Semiconductor Group
1
1998-11-01


Similar Part No. - Q62702-B0880

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-B0886 SIEMENS-Q62702-B0886 Datasheet
13Kb / 3P
   Silicon Tuning Diode (For VHF 2-Band-hyperband-TV-tuners Very high capacitance ratio Low series inductance Low series resistance)
More results

Similar Description - Q62702-B0880

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BB664 SIEMENS-BB664 Datasheet
13Kb / 3P
   Silicon Variable Capacitance Diode (For VHF TV-tuners High capacitance ratio Low series inductance Low series resistance)
BB644 SIEMENS-BB644 Datasheet
25Kb / 3P
   Silicon Variable Capacitance Diode (For VHF TV-tuners High capacitance ratio Low series inductance)
BB565 SIEMENS-BB565 Datasheet
18Kb / 4P
   Silicon Variable Capacitance Diode (For UHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
BB641 SIEMENS-BB641 Datasheet
44Kb / 3P
   Silicon Variable Capacitance Diode (For VHF Hyperband TV/TR tuners High capacitance ratio Low series resistance)
BB659 SIEMENS-BB659 Datasheet
16Kb / 3P
   Silicon Tuning Diode (For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
BB515 SIEMENS-BB515 Datasheet
24Kb / 2P
   Silicon Variable Capacitance Diode (For UHF and VHF TV/VTR tuners Large capacitance ratio Low series resistance)
BB535 SIEMENS-BB535 Datasheet
23Kb / 4P
   Silicon Variable Capacitance Diode (For UHF and TV/TR tuners Large capacitance ratio, low series resistance)
BB689 SIEMENS-BB689 Datasheet
13Kb / 3P
   Silicon Tuning Diode (For VHF 2-Band-hyperband-TV-tuners Very high capacitance ratio Low series inductance Low series resistance)
BB555 SIEMENS-BB555 Datasheet
18Kb / 4P
   Silicon Tuning Diode (For UHF-TV-tuners High capacitance ratio Low series inductance)
BB545 SIEMENS-BB545 Datasheet
21Kb / 3P
   Silicon Tuning Diode (For tuning UHF and VHF TV Tuners Large capacitance ratio, low series resistance)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com