Electronic Components Datasheet Search |
|
ISO3080DWRG4 Datasheet(PDF) 5 Page - Texas Instruments |
|
ISO3080DWRG4 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 20 page Input I I VI VCC1 DE A B VOB VOA VOD I OA I OB GND2 GND1 GND1 GND2 VOC 27 W VOC B V B V A A VOC(SS) OC(p-p) V 27 W Generator: PRR= 100 kHz, 50 % duty cycle, t r < 6ns, tf <6 ns, ZO = 50 W Input VOD 50 W D A B DE VCC1 VI Input Generator Generator: PRR = 100 kHz, 50 % duty cycle, t r < 6ns, tf <6 ns, ZO = 50 3V tf tr tPLH tPHL 10% 90% VOD VI 90% 10% VOD(H) VOD(L) includesfixtureand instrumentationcapacitance L C 50% 50% GND1 R =54 ±1% L W C =50pF ±20% L 50% 50% Input Generator 50 W 3 Viftesting A output , 0 ViftestingBoutput S1 CLincludesfixtureand instrumentation capacitance D A DE 50% 50% 3 V VOH tPZH tPHZ 50% 90% 0 V VO VI 3Vor0V VI GND1 VO C =50pF±20% L R =110 ±1% L W GeneratorPRR=50kHz,50%dutycycle, t <6ns,t <6ns,Z =50 r f O W 0V ~ ~ ISO3080, ISO3086 ISO3082, ISO3088 www.ti.com SLOS581D – MAY 2008 – REVISED JANUARY 2011 PARAMETER MEASUREMENT INFORMATION (continued) Figure 3. Test Circuit and Waveform Definitions For The Driver Common-Mode Output Voltage Figure 4. Driver Switching Test Circuit and Voltage Waveforms Figure 5. Driver High-Level Output Enable and Disable Time Test Circuit and Voltage Waveforms Copyright © 2008–2011, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Link(s): ISO3080, ISO3086 ISO3082, ISO3088 |
Similar Part No. - ISO3080DWRG4 |
|
Similar Description - ISO3080DWRG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |