Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIB800EDK Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIB800EDK
Description  N-Channel 20-V (D-S) MOSFET with Trench Schottky Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIB800EDK Datasheet(HTML) 1 Page - Vishay Siliconix

  SIB800EDK Datasheet HTML 1Page - Vishay Siliconix SIB800EDK Datasheet HTML 2Page - Vishay Siliconix SIB800EDK Datasheet HTML 3Page - Vishay Siliconix SIB800EDK Datasheet HTML 4Page - Vishay Siliconix SIB800EDK Datasheet HTML 5Page - Vishay Siliconix SIB800EDK Datasheet HTML 6Page - Vishay Siliconix SIB800EDK Datasheet HTML 7Page - Vishay Siliconix SIB800EDK Datasheet HTML 8Page - Vishay Siliconix SIB800EDK Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Vishay Siliconix
SiB800EDK
New Product
Document Number: 68860
S-83045-Rev. B, 22-Dec-08
www.vishay.com
1
N-Channel 20-V (D-S) MOSFET with Trench Schottky Diode
FEATURES
Halogen-free According to IEC 61249-2-21
LITTLE FOOT®
Plus Schottky Power MOSFET
New Thermally Enhanced PowerPAK®
SC-75 Package
- Small Footprint Area
- Low On-Resistance
- Thin 0.75 mm profile
Typical ESD Protection 2800 V
APPLICATIONS
Portable Devices
DC/DC Converters
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
20
0.225 at VGS = 4.5 V
1.5
1.1 nC
0.270 at VGS = 2.5 V
1.5
0.345 at VGS = 1.8 V
1.5
0.960 at VGS = 1.5 V
0.5
SCHOTTKY PRODUCT SUMMARY
VKA (V)
Vf (V)
Diode Forward Voltage
IF (A)
a
30
0.29 at 10 mA
0.4
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage (MOSFET)
VDS
20
V
Reverse Voltage (Schottky)
VKA
30
Gate-Source Voltage (MOSFET)
VGS
± 6
Continuous Drain Current (TJ = 150 °C) (MOSFET)
TC = 25 °C
ID
1.5a
A
TC = 70 °C
1.5a
TA = 25 °C
1.5a, b, c
TA = 70 °C
1.3b, c
Pulsed Drain Current (MOSFET)
IDM
4
Continuous Source-Drain Diode Current
(MOSFET Diode Conduction)
TC = 25 °C
IS
1.5a
TA = 25 °C
0.9b, c
Average Forward Current (Schottky)
IF
0.4b
Pulsed Forward Current (Schottky)
IFM
0.8
Maximum Power Dissipation (MOSFET)
TC = 25 °C
PD
3.1
W
TC = 70 °C
2
TA = 25 °C
1.1b, c
TA = 70 °C
0.7b, c
Maximum Power Dissipation (Schottky)
TC = 25 °C
3.1
TC = 70 °C
2
TA = 25 °C
1.1b, c
TA = 70 °C
0.7b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
Marking Code
X X X
G A X
Lot Traceability
and Date code
Part # code
D
S
G
200
Ω
K
A
Ordering Information: SiB800EDK-T1-GE3 (Lead (Pb)-free and Halogen-free)
PowerPAK SC75-6L-Dual
A
K
G
S
NC
D
1
6
5
4
2
3
1.60 mm
1.60 mm
K
D


Similar Part No. - SIB800EDK

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SIB865170 CELDUC-SIB865170 Datasheet
282Kb / 4P
   AC Semiconductor Contactor
SIB865970 CELDUC-SIB865970 Datasheet
281Kb / 4P
   AC Semiconductor Contactor
More results

Similar Description - SIB800EDK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA810DJ VISHAY-SIA810DJ Datasheet
133Kb / 10P
   N-Channel 20-V (D-S) MOSFET with Trench Schottky Diode
Rev. B, 03-Mar-08
logo
Analog Power
AM3826N ANALOGPOWER-AM3826N Datasheet
286Kb / 5P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
logo
Vishay Siliconix
SI3812DV VISHAY-SI3812DV_08 Datasheet
111Kb / 7P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. E, 18-Aug-03
SI5858DU VISHAY-SI5858DU Datasheet
126Kb / 10P
   N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 23-Jun-08
SI3812DV VISHAY-SI3812DV Datasheet
52Kb / 6P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. D, 16-Apr-01
SIA814DJ VISHAY-SIA814DJ Datasheet
245Kb / 12P
   N-Channel 30-V (D-S) MOSFET with Trench Schottky Diode
Rev. A, 26-May-08
SI4340DDY VISHAY-SI4340DDY Datasheet
230Kb / 15P
   Dual N-Channel 20 V (D-S) MOSFET with Schottky Diode
Rev. A, 02-Mar-11
SI4340DY VISHAY-SI4340DY_V01 Datasheet
147Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4340DY VISHAY-SI4340DY Datasheet
102Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. A, 15-Sep-03
SI7980DP VISHAY-SI7980DP_V01 Datasheet
345Kb / 18P
   Dual N-Channel 20 V (D-S) MOSFET with Schottky Diode
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com