Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO3082DWG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO3082DWG4
Description  ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO3082DWG4 Datasheet(HTML) 3 Page - Texas Instruments

  ISO3082DWG4 Datasheet HTML 1Page - Texas Instruments ISO3082DWG4 Datasheet HTML 2Page - Texas Instruments ISO3082DWG4 Datasheet HTML 3Page - Texas Instruments ISO3082DWG4 Datasheet HTML 4Page - Texas Instruments ISO3082DWG4 Datasheet HTML 5Page - Texas Instruments ISO3082DWG4 Datasheet HTML 6Page - Texas Instruments ISO3082DWG4 Datasheet HTML 7Page - Texas Instruments ISO3082DWG4 Datasheet HTML 8Page - Texas Instruments ISO3082DWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ISO3080, ISO3086
ISO3082, ISO3088
www.ti.com
SLOS581D – MAY 2008 – REVISED JANUARY 2011
DRIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO = 0 mA, no load
3
4.3
VCC
RL = 54 Ω, See Figure 1
1.5
2.3
Differential output voltage
| VOD |
V
magnitude
RL = 100 Ω (RS-422), See Figure 1
2
2.3
Vtest from –7 V to +12 V, See Figure 2
1.5
Change in magnitude of the
–0.2
0
0.2
V
Δ|VOD|
See Figure 1 and Figure 2
differential output voltage
Steady-state common-mode
1
2.6
3
VOC(SS)
output voltage
See Figure 3
V
Change in steady-state
–0.1
0.1
ΔVOC(SS)
common-mode output voltage
Peak-to-peak common-mode
0.5
V
VOC(pp)
See Figure 3
output voltage
II
Input current
D, DE, VI at 0 V or VCC1
–10
10
mA
ISO3082
See receiver input current
ISO3088
VY or VZ = 12 V,
High-impedance state output
VCC = 0 V or 5 V,
1
IOZ
current
DE = 0 V
ISO3080
Other input at 0 V
mA
ISO3086
VY or VZ = –7 V.
VCC = 0 V or 5 V,
–1
DE = 0 V
VA or VB at –7 V
IOS
Short-circuit output current
Other input at 0 V
–200
200
mA
VA or VB at 12 V
CMTI
Common-mode transient immunity See Figure 12 and Figure 13
25
50
kV/ms
DRIVER SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO3080/82
0.7
1.3
ms
tPLH,
Propagation delay
tPHL
ISO3086/88
25
45
ns
ISO3080/82
20
200
PWD(1)
Pulse skew (|tPHL – tPLH|)
See Figure 4
ns
ISO3086/88
3
7.5
ISO3080/82
0.5
0.9
1.5
ms
tr, tf
Differential output signal rise and fall time
ISO3086/88
7
15
ns
Propagation delay,
50% Vo
2.5
7
ISO3080/82
ms
tPZH,
high-impedance-to-high-level output
90% Vo
1.8
tPZL
Propagation delay,
See Figure 5 and
ISO3086/88
25
55
high-impedance-to-low-level output
Figure 6,
Propagation delay,
ISO3080/82
95
225
DE at 0 V
ns
tPHZ,
high-level-to-high-impedance output
tPLZ
Propagation delay, low-level to
ISO3086/88
25
55
high-impedance output
(1)
Also known as pulse skew
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ISO3080, ISO3086 ISO3082, ISO3088


Similar Part No. - ISO3082DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO3082DWG4 TI-ISO3082DWG4 Datasheet
682Kb / 18P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3082DWG4 TI-ISO3082DWG4 Datasheet
628Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3082DWG4 TI-ISO3082DWG4 Datasheet
633Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3082DWG4 TI1-ISO3082DWG4 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
More results

Similar Description - ISO3082DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO3080 TI-ISO3080 Datasheet
682Kb / 18P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI1-ISO3080_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
ISO3080 TI-ISO3080_09 Datasheet
628Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI-ISO3080_10 Datasheet
633Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
ISO15MDWR TI1-ISO15MDWR Datasheet
1,010Kb / 24P
[Old version datasheet]   ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
[Old version datasheet]   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15 Datasheet
1Mb / 32P
[Old version datasheet]   ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
MARCH 2015
logo
Analog Devices
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com