Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2417TPMR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2417TPMR
Description  MIXED SIGNAL MICROCONTROLLER
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F2417TPMR Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F2417TPMR Datasheet HTML 1Page - Texas Instruments MSP430F2417TPMR Datasheet HTML 2Page - Texas Instruments MSP430F2417TPMR Datasheet HTML 3Page - Texas Instruments MSP430F2417TPMR Datasheet HTML 4Page - Texas Instruments MSP430F2417TPMR Datasheet HTML 5Page - Texas Instruments MSP430F2417TPMR Datasheet HTML 6Page - Texas Instruments MSP430F2417TPMR Datasheet HTML 7Page - Texas Instruments MSP430F2417TPMR Datasheet HTML 8Page - Texas Instruments MSP430F2417TPMR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 107 page
background image
MSP430F241x, MSP430F261x
MIXED SIGNAL MICROCONTROLLER
SLAS541G -- JUNE 2007 -- REVISED MARCH 2011
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D
Low Supply Voltage Range, 1.8 V to 3.6 V
D
Ultra-Low Power Consumption:
-- Active Mode: 365 Aat1MHz, 2.2V
-- Standby Mode (VLO): 0.5 A
-- Off Mode (RAM Retention): 0.1 A
D
Wake-Up From Standby Mode in Less
Than 1 s
D
16-Bit RISC Architecture,
62.5-ns Instruction Cycle Time
D
Three-Channel Internal DMA
D
12-Bit Analog-to-Digital (A/D) Converter
With Internal Reference, Sample-and-Hold,
and Autoscan Feature
D
Dual 12-Bit Digital-to-Analog (D/A)
Converters With Synchronization
D
16-Bit Timer_A With Three
Capture/Compare Registers
D
16-Bit Timer_B With Seven
Capture/Compare-With-Shadow Registers
D
On-Chip Comparator
D
Four Universal Serial Communication
Interfaces (USCIs)
-- USCI_A0 and USCI_A1
-- Enhanced UART Supporting
Auto-Baudrate Detection
-- IrDA Encoder and Decoder
-- Synchronous SPI
-- USCI_B0 and USCI_B1
-- I2Ct
-- Synchronous SPI
D
Supply Voltage Supervisor/Monitor With
Programmable Level Detection
D
Brownout Detector
D
Bootstrap Loader
D
Serial Onboard Programming,
No External Programming Voltage Needed
Programmable Code Protection by Security
Fuse
D
Family MembersInclude:
-- MSP430F2416
92KB+256B Flash Memory, 4KB RAM
-- MSP430F2417
92KB+256B Flash Memory, 8KB RAM
-- MSP430F2418
116KB+256B Flash Memory, 8KB RAM
-- MSP430F2419
120KB+256B Flash Memory, 4KB RAM
-- MSP430F2616
92KB+256B Flash Memory, 4KB RAM
-- MSP430F2617
92KB+256B Flash Memory, 8KB RAM
-- MSP430F2618
116KB+256B Flash Memory, 8KB RAM
-- MSP430F2619
120KB+256B Flash Memory, 4KB RAM
D
Availablein80-PinQuadFlatPack(QFP),
64-Pin QFP, and 113-Pin Ball Grid Array
(BGA) (See Available Options)
D
For Complete Module Descriptions, See the
MSP430x2xx Family User’s Guide,
Literature Number SLAU144
The MSP430F241x devices are identical to the MSP430F261x
devices, with the exception that the DAC12 modules and the DMA
controller are not implemented.
description
The Texas Instruments MSP430 family of ultralow-power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes is optimized to achieve extended battery life in portable measurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code
efficiency. The calibrated digitally controlled oscillator (DCO) allows wake-up from low-power modes to active
mode in less than 1 s.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range
from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage
because very small parametric changes could cause the device not to meet its published specifications. These devices have limited
built-in ESD protection.
Copyright  2011, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
I2C is a registered trademark of Philips Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - MSP430F2417TPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2417TPMR TI-MSP430F2417TPMR Datasheet
1Mb / 98P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2417TPMR TI-MSP430F2417TPMR Datasheet
1Mb / 102P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2417TPMR TI-MSP430F2417TPMR Datasheet
6Mb / 102P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2417TPMR TI1-MSP430F2417TPMR Datasheet
1Mb / 102P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2417TPMR TI1-MSP430F2417TPMR Datasheet
2Mb / 120P
[Old version datasheet]   MSP430F261x, MSP430F241x Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F2417TPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com