Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMAPL138BZWTD4 Datasheet(PDF) 10 Page - Texas Instruments

Part # OMAPL138BZWTD4
Description  OMAP-L138 C6-Integra DSPARM Processor
Download  287 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAPL138BZWTD4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OMAPL138BZWTD4 Datasheet HTML 6Page - Texas Instruments OMAPL138BZWTD4 Datasheet HTML 7Page - Texas Instruments OMAPL138BZWTD4 Datasheet HTML 8Page - Texas Instruments OMAPL138BZWTD4 Datasheet HTML 9Page - Texas Instruments OMAPL138BZWTD4 Datasheet HTML 10Page - Texas Instruments OMAPL138BZWTD4 Datasheet HTML 11Page - Texas Instruments OMAPL138BZWTD4 Datasheet HTML 12Page - Texas Instruments OMAPL138BZWTD4 Datasheet HTML 13Page - Texas Instruments OMAPL138BZWTD4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 287 page
background image
OMAP-L138
SPRS586C
– JUNE 2009 – REVISED MAY 2011
www.ti.com
Table 2-1. Characteristics of OMAP-L138 (continued)
HARDWARE FEATURES
OMAP-L138
674x DSP 375 MHz (1.2V) or 456 MHz (1.3V)
CPU Frequency
MHz
ARM926 375 MHz (1.2V) or 456 MHz (1.3V)
Variable (1.2V-1.0V) for 375 MHz version
Core (V)
Variable (1.3V-1.0V) for 456 MHz version
Voltage
I/O (V)
1.8V or 3.3 V
13 mm x 13 mm, 361-Ball 0.65 mm pitch, PBGA (ZCE)
Packages
16 mm x 16 mm, 361-Ball 0.80 mm pitch, PBGA (ZWT)
Product Preview (PP),
375 MHz versions - PD
Product Status(1)
Advance Information (AI),
456 MHz versions - PD
or Production Data (PD)
(1)
ADVANCE INFORMATION concerns new products in the sampling or preproduction phase of development. Characteristic data and
other specifications are subject to change without notice. PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include
testing of all parameters.
2.2
Device Compatibility
The ARM926EJ-S RISC CPU is compatible with other ARM9 CPUs from ARM Holdings plc.
The C674x DSP core is code-compatible with the C6000
™ DSP platform and supports features of both
the C64x+ and C67x+ DSP families.
2.3
ARM Subsystem
The ARM Subsystem includes the following features:
ARM926EJ-S RISC processor
ARMv5TEJ (32/16-bit) instruction set
Little endian
System Control Co-Processor 15 (CP15)
MMU
16KB Instruction cache
16KB Data cache
Write Buffer
Embedded Trace Module and Embedded Trace Buffer (ETM/ETB)
ARM Interrupt controller
2.3.1
ARM926EJ-S RISC CPU
The ARM Subsystem integrates the ARM926EJ-S processor. The ARM926EJ-S processor is a member of
ARM9 family of general-purpose microprocessors. This processor is targeted at multi-tasking applications
where full memory management, high performance, low die size, and low power are all important. The
ARM926EJ-S processor supports the 32-bit ARM and 16 bit THUMB instruction sets, enabling the user to
trade off between high performance and high code density. Specifically, the ARM926EJ-S processor
supports the ARMv5TEJ instruction set, which includes features for efficient execution of Java byte codes,
providing Java performance similar to Just in Time (JIT) Java interpreter, but without associated code
overhead.
The ARM926EJ-S processor supports the ARM debug architecture and includes logic to assist in both
hardware and software debug. The ARM926EJ-S processor has a Harvard architecture and provides a
complete high performance subsystem, including:
ARM926EJ -S integer core
CP15 system control coprocessor
Memory Management Unit (MMU)
10
Device Overview
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): OMAP-L138


Similar Part No. - OMAPL138BZWTD4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAPL138B TI1-OMAPL138B Datasheet
1Mb / 282P
[Old version datasheet]   OMAPL138B C6-Integra DSPARM Processor
OMAPL138B-EP TI1-OMAPL138B-EP Datasheet
1Mb / 282P
[Old version datasheet]   OMAPL138B C6-Integra DSPARM Processor
OMAPL138B-EP TI1-OMAPL138B-EP Datasheet
1Mb / 284P
[Old version datasheet]   OMAPL138B C6-Integra DSP ARM Processor
OMAPL138B-EP TI-OMAPL138B-EP Datasheet
1Mb / 284P
[Old version datasheet]   OMAPL138B C6-Integra DSPARM Processor
OMAPL138B-EP TI-OMAPL138B-EP_15 Datasheet
1Mb / 284P
[Old version datasheet]   OMAPL138B C6-Integra DSPARM Processor
More results

Similar Description - OMAPL138BZWTD4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP-L132 TI1-OMAP-L132 Datasheet
1Mb / 227P
[Old version datasheet]   OMAP-L132 C6-Integra DSPARM Processor
OMAP-L138 TI1-OMAP-L138_16 Datasheet
1Mb / 286P
[Old version datasheet]   OMAP-L138 C6000 DSP ARM Processor
OMAPL138B-EP TI-OMAPL138B-EP_15 Datasheet
1Mb / 284P
[Old version datasheet]   OMAPL138B C6-Integra DSPARM Processor
OMAPL138B-EP TI1-OMAPL138B-EP Datasheet
1Mb / 282P
[Old version datasheet]   OMAPL138B C6-Integra DSPARM Processor
OMAPL138B-EP TI1-OMAPL138B-EP_16 Datasheet
1Mb / 284P
[Old version datasheet]   OMAPL138B C6-Integra DSP ARM Processor
OMAP-L138 TI-OMAP-L138_15 Datasheet
1Mb / 286P
[Old version datasheet]   OMAP-L138 C6000??DSP ARM짰 Processor
OMAP-L138_0908 TI-OMAP-L138_0908 Datasheet
2Mb / 268P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAP-L138 TI-OMAP-L138 Datasheet
2Mb / 255P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
TMS320C6A8167 TI-TMS320C6A8167 Datasheet
1Mb / 280P
[Old version datasheet]   TMS320C6A816x Integra DSPARM Processors
OMAP-L132 TI1-OMAP-L132_14 Datasheet
1Mb / 232P
[Old version datasheet]   DSP ARM Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com