Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC417DB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIC417DB
Description  microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC417DB Datasheet(HTML) 3 Page - Vishay Siliconix

  SIC417DB Datasheet HTML 1Page - Vishay Siliconix SIC417DB Datasheet HTML 2Page - Vishay Siliconix SIC417DB Datasheet HTML 3Page - Vishay Siliconix SIC417DB Datasheet HTML 4Page - Vishay Siliconix SIC417DB Datasheet HTML 5Page - Vishay Siliconix SIC417DB Datasheet HTML 6Page - Vishay Siliconix SIC417DB Datasheet HTML 7Page - Vishay Siliconix SIC417DB Datasheet HTML 8Page - Vishay Siliconix SIC417DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Document Number: 69062
S10-1367-Rev. D, 14-Jun-10
www.vishay.com
3
Vishay Siliconix
SiC417
FUNCTIONAL BLOCK DIAGRAM
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to absolute maximum rating/conditions for extended periods may affect device reliability.
Note:
For proper operation, the device should be used within the recommended conditions.
VIN
VIN
6, 9 - 11 PAD 3
BST
LX
13, 23 - 25
28, PAD 3
PGND
15-22
ILIM
27
V5V
DL
V5V
ENL
32
VIN
LDO
MUX
Y
A
B
FBL
VLDO
VOUT
tON
FB
2
7
5
1
31
Soft Start
AGND
3
26
29
Control and Status
Valley 1 - Limit
Zero Cross
Detector
Gate Drive
Control
Reference
1.20.21
PAD 1
+
-
FB Comparator
Bypass Comparator
V5V
V5V
PGD
EN/PSV
8
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Min.
Max.
Unit
LX to PGND Voltage
VLX
- 0.3
+ 30
V
LX to PGND Voltage (transient - 100 ns)
VLX
- 2
+ 30
VIN to PGND Voltage
VIN
- 0.3
+ 30
VEN Maximum Voltage
VEN
- 0.3
VIN
BST Bootstrap to LX; V5V to PGND
- 0.3
+ 6.0
AGND to PGND
VAG-PG
- 0.3
+ 0.3
EN/PSV, PGOOD, ILIM, VOUT, VLDO, FB, FBL to GND
- 0.3
+ (V5V + 0.3)
tON to PGND
- 0.3
+ (V5V - 1.5)
BST to PGND
- 0.3
+ 35
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input Voltage
VIN
3.0
28
V
V5V to PGND
V5V
4.5
5.5
VOUT to PGND
VOUT
0.5
5.5
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Storage Temperature
TSTG
- 40
+ 150
°C
Maximum Junction Temperature
TJ
-
150
Operation Junction Temperature
TJ
- 25
+ 125


Similar Part No. - SIC417DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC417DB VISHAY-SIC417DB Datasheet
928Kb / 21P
   10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
SIC417DB VISHAY-SIC417DB Datasheet
930Kb / 21P
   microBUCKTM SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
01-Jan-2022
More results

Similar Description - SIC417DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC417 VISHAY-SIC417_V01 Datasheet
930Kb / 21P
   microBUCKTM SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
01-Jan-2022
SIC403 VISHAY-SIC403_12 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
SIC403 VISHAY-SIC403 Datasheet
609Kb / 25P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. B, 15-Aug-11
SIC402A VISHAY-SIC402A Datasheet
1Mb / 26P
   10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO
Rev. B, 03-Sep-12
SIC417 VISHAY-SIC417_13 Datasheet
928Kb / 21P
   10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   microBUCK SiC414 6 A, 28 V Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
   6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC401A VISHAY-SIC401A Datasheet
1Mb / 28P
   15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
Rev. C, 03-Sep-12
SIC403A VISHAY-SIC403A Datasheet
1Mb / 24P
   6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com