Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC734CD9-T1 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SIC734CD9-T1
Description  Fast Switching MOSFETs With Integrated Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC734CD9-T1 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SIC734CD9-T1 Datasheet HTML 2Page - Vishay Siliconix SIC734CD9-T1 Datasheet HTML 3Page - Vishay Siliconix SIC734CD9-T1 Datasheet HTML 4Page - Vishay Siliconix SIC734CD9-T1 Datasheet HTML 5Page - Vishay Siliconix SIC734CD9-T1 Datasheet HTML 6Page - Vishay Siliconix SIC734CD9-T1 Datasheet HTML 7Page - Vishay Siliconix SIC734CD9-T1 Datasheet HTML 8Page - Vishay Siliconix SIC734CD9-T1 Datasheet HTML 9Page - Vishay Siliconix SIC734CD9-T1 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
6
Document Number: 73672
S-62656–Rev. C, 25-Dec-06
Vishay Siliconix
SiC734CD9
DEVICE OPERATION
Pulse Width Modulator (PWM)
This is a CMOS compatible logic input that receives the drive
signals from the controller circuit. The PWM signal drives the
buck switch.
Break-Before-Make (BBM)
The SiC730CD9 has an intrenal break-before-make function
to ensure that both high-side and low-side MOSFETs are not
turned on the same time. The low-side MOSFET will not turn
on until the high-side gate drive voltage is less than VBBM,
thus ensuring that the high-side MOSFET is turned off. This
parameter is not user adjustable.
SHDN
CMOS logic signal. In the low state, the SHDN disables both
high-side and low-side MOSFET’s.
Capacitor to Boot Input (CBOOT)
Connected to VDD by an internal diode via the CBOOT pin, the
boot capacitor is used to sustain rail for the high-side MOS-
FET gate drive circuit.
Under Voltage Lockout (UVLO)
During the start up cycle, the UVLO disables the gate drive
holding high-side and low-side MOSFET’s low until the input
voltage rail has reached a point at which the logic circuitry
can be safely activated. The UVLO is not user adjustable.
SYNC Pin for Pre-Bias Start-Up
The low side MOSFET can be individually enable or dis-
abled by using the SYNC pin. In the low state (SYNC = low),
the low-side MOSFET is turned off. In the high state, the
low-side MOSFET is enabled and follows the PWM input
signal (see timing diagram, Figure 2). SYNC is a CMOS
compatible logic input and is used for a pre–biased output
voltage.
Voltage Input (VIN)
This is the power input to the drain of the high-side Power
MOSFET. This pin is connected to the high power intermedi-
ate BUS rail.
Switch Node (SW)
The Switch node is the circuit PWM regulated output. This is
the output applied to the filter circuit to deliver the regulated
high output for the buck converter.
Power Ground (PGND)
This is the output connection from the source of the low-side
MOSFET. This output is the ground return loop for the power
rail. It should be externally connected to CGND.
Control Ground (CGND)
This is the control voltage return path for the driver and logic
input circuitry to the SiC730CD9. This should externally con-
nected to PGND.
APPLICATION CIRCUIT
The SiC734CD9 has a built-in delay time that is optimized for
the MOSFET pair. When the PWM signal goes low, the high-
side driver will turn off, after circuit delay (tdoff), and the out-
put will start to ramp down, (tf). After a further delay, the low-
side driver turns on.
When the PWM goes high, the low-side driver turns off,
(tdon). As the body diode starts to conduct, the high-side
MOSFET turns on after a short dalay. The delay is minimized
to limit body diode conduction. The output then ramps up,
(tr).
CGND
5 V
3.3 V to 16 V
MOSFET Drive
Circuitry with
Break-Before-
Make
CBOOT
VIN
SW
CBOOT
L
+
PGND
CGND
SHDN
VDD
Q1
Q2
DC-DC
Controller
VOUT
PWM
SYNC
Power Up Sequence: The
presence of VDD prior to
applying the VIN and PWM
is recommended to ensure
a safe turn on
Power Down Sequence:
The sequence should be
reverse of the on sequence,
turn off the VIN before
turning off the VDD.
PGND
HS
LS
Figure 7
The SiC714CD10 has a built-in delay time that is optimized for the
MOSFET pair. When the PWM signal goes low, the high-side
driver will turn off, after circuit delay (tdoff), and the output will start
to ramp down,(tf). After a further delay, the low-side driver turns
on.
When the PWM goes high, the low-side driver turns off,(tdon). As
the body diode starts to conduct, the high-side MOSFET turns on
after a short delay . The delay is minimized to limit body diode
conduction. The output then ramps up,(tr).


Similar Part No. - SIC734CD9-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIC73 ETC1-SIC73 Datasheet
317Kb / 1P
   Low Profile (2.5mm max, height) SMD type
SIC73-100 ETC1-SIC73-100 Datasheet
317Kb / 1P
   Low Profile (2.5mm max, height) SMD type
SIC73-101 ETC1-SIC73-101 Datasheet
317Kb / 1P
   Low Profile (2.5mm max, height) SMD type
SIC73-102 ETC1-SIC73-102 Datasheet
317Kb / 1P
   Low Profile (2.5mm max, height) SMD type
SIC73-120 ETC1-SIC73-120 Datasheet
317Kb / 1P
   Low Profile (2.5mm max, height) SMD type
More results

Similar Description - SIC734CD9-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC714CD10 VISHAY-SIC714CD10 Datasheet
187Kb / 10P
   Fast Switching MOSFETs With Integrated Driver
Rev. C, 25-Dec-06
logo
ON Semiconductor
NCP5339 ONSEMI-NCP5339 Datasheet
272Kb / 13P
   Integrated Driver & MOSFETs
February, 2016 ??Rev. 1
logo
KODENSHI_AUK CORP.
SNN3100L10B KODENSHI-SNN3100L10B Datasheet
440Kb / 8P
   100V Fast Switching MOSFETs
SNN3100L10Q KODENSHI-SNN3100L10Q Datasheet
455Kb / 8P
   100V Fast Switching MOSFETs
SNN1120L10Q KODENSHI-SNN1120L10Q Datasheet
456Kb / 8P
   100V Fast Switching MOSFETs
logo
Monolithic Power System...
MP6518 MPS-MP6518 Datasheet
1Mb / 16P
   35V, 1.5A Stepper Motor Driver with Integrated MOSFETs
logo
Infineon Technologies A...
TDA21201 INFINEON-TDA21201 Datasheet
754Kb / 15P
   Integrated Switch(MOSFET Driver and MOSFETs)
Apr-29, 2002
logo
Monolithic Power System...
MP6504 MPS-MP6504 Datasheet
899Kb / 16P
   8V to 32V, 2A, Stepper Motor Driver with Integrated MOSFETs
MP6520 MPS-MP6520 Datasheet
749Kb / 15P
   8V to 32V, 1.5A, Stepper Motor Driver with Integrated MOSFETs
MP6501A MPS-MP6501A Datasheet
2Mb / 17P
   8V to 35V, 2.5A Stepper Motor Driver with Integrated MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com