Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC762CD Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIC762CD
Description  Integrated DrMOS Power Stage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC762CD Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SIC762CD Datasheet HTML 4Page - Vishay Siliconix SIC762CD Datasheet HTML 5Page - Vishay Siliconix SIC762CD Datasheet HTML 6Page - Vishay Siliconix SIC762CD Datasheet HTML 7Page - Vishay Siliconix SIC762CD Datasheet HTML 8Page - Vishay Siliconix SIC762CD Datasheet HTML 9Page - Vishay Siliconix SIC762CD Datasheet HTML 10Page - Vishay Siliconix SIC762CD Datasheet HTML 11Page - Vishay Siliconix SIC762CD Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
www.vishay.com
8
Document Number: 65727
S10-0275-Rev. A, 08-Feb-10
Vishay Siliconix
SiC762CD
ELECTRICAL CHARACTERISTICS
ICIN (mA) vs. Temperature at Frequency = 300 kHz
D = 10 %, VCIN = VDRV = 5 V
PWM Falling Threshold (V) vs. Temperature (°C)
VCIN = VDRV = 5 V
DSBL Falling Threshold (V) vs. Temperature (°C)
VCIN = VDRV = 5 V
0.0
0.2
0.4
0.6
0.8
1.0
- 40 - 25 - 10
5
20
35
50
65
8095 110 125 140
Temperature (°C)
- 40 - 25 - 10
5
20
35
50
65
80
95 110 125 140
Temperature (°C)
0.8
0.9
1.0
1.1
1.2
1.3
- 40 - 25 - 10
5
20
35
50
65
80
95 110 125 140
Temperature (°C)
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
IDRV (mA) vs. Temperature at Frequency = 300 kHz
D = 10 %, VCIN = VDRV = 5 V
PWM Rising Threshold (V) vs. Temperature (°C)
VCIN = VDRV = 5 V
DSBL Rising Threshold (V) vs. Temperature (°C)
VCIN = VDRV = 5 V
- 40 - 25 - 10
5
20
35
50
65
80
95 110 125 140
Temperature (°C)
6
8
10
12
14
16
18
20
- 40 - 25 - 10
5
20
35
50
65
80
95 110 125 140
Temperature (°C)
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
- 40 - 25 - 10
5
20
35
50
65
80
95 110 125 140
Temperature (°C)
1.45
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.40


Similar Part No. - SIC762CD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC762CD VISHAY-SIC762CD Datasheet
548Kb / 18P
   Integrated DrMOS Power Stage
08-Feb-17
SIC762CD-T1-GE3 VISHAY-SIC762CD-T1-GE3 Datasheet
548Kb / 18P
   Integrated DrMOS Power Stage
08-Feb-17
SIC762CD VISHAY-SIC762CD_V01 Datasheet
548Kb / 18P
   Integrated DrMOS Power Stage
08-Feb-17
More results

Similar Description - SIC762CD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC780 VISHAY-SIC780 Datasheet
343Kb / 14P
   Integrated DrMOS Power Stage
Rev. B, 21-May-12
SIC770CD VISHAY-SIC770CD Datasheet
450Kb / 13P
   DrMOS Integrated Power Stage
Rev. A, 27-May-13
SIC780 VISHAY-SIC780_V01 Datasheet
319Kb / 14P
   Integrated DrMOS Power Stage
08-Feb-17
SIC772CD VISHAY-SIC772CD Datasheet
303Kb / 13P
   DrMOS Integrated Power Stage
Rev. B, 10-Jun-13
SIC769 VISHAY-SIC769 Datasheet
380Kb / 18P
   Integrated DrMOS Power Stage
Rev. F, 16-May-11
SIC779 VISHAY-SIC779 Datasheet
372Kb / 17P
   Integrated DrMOS Power Stage
Rev. B, 18-Apr-11
SIC769AC VISHAY-SIC769AC Datasheet
543Kb / 19P
   Integrated DrMOS Power Stage
Rev. B, 18-Jan-10
SIC762CD VISHAY-SIC762CD_V01 Datasheet
548Kb / 18P
   Integrated DrMOS Power Stage
08-Feb-17
SIC779 VISHAY-SIC779_V01 Datasheet
378Kb / 17P
   Integrated DrMOS Power Stage
08-Feb-17
SIC769ACD VISHAY-SIC769ACD_V01 Datasheet
543Kb / 19P
   Integrated DrMOS Power Stage
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com