Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-B404 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # Q62702-B404
Description  Silicon Variable Capacitance Diode (For FM radio tuners with extended frequency band High tuning ratio at low supply voltage (car radio)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-B404 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  Q62702-B404 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-B404 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-B404 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Semiconductor Group
3
BB 814
Diode capacitance CT = f (VR)
per diode, f = 1 MHz
Capacitance ratio CTref/CT = f (VR)
per diode, Vref = 1 V, 2 V, 3 V, f = 1 MHz


Similar Part No. - Q62702-B404

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-B403 SIEMENS-Q62702-B403 Datasheet
30Kb / 2P
   Silicon Variable Capacitance Diode (For Hyperband TV/VTR tuners, Bd I)
More results

Similar Description - Q62702-B404

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BB914 SIEMENS-BB914 Datasheet
32Kb / 3P
   Silicon Variable Capacitance Diode (For FM radio tuner with extended frequency band High tuning ratio low supply voltage car radio)
logo
Toshiba Semiconductor
1SV103 TOSHIBA-1SV103 Datasheet
119Kb / 2P
   Variable Capacitance Diode, FM Radio Band Tuning Applications
logo
KEC(Korea Electronics)
KDV1472 KEC-KDV1472 Datasheet
40Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(FM RADIO BAND TUNING)
KDV147 KEC-KDV147 Datasheet
198Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(FM RADIO BAND TUNING
logo
Toshiba Semiconductor
1SV147 TOSHIBA-1SV147 Datasheet
152Kb / 3P
   BARIABLE CAPACITANCE DIODE (FM RADIO BAND TUNING APPLICATIONS)
1SV102 TOSHIBA-1SV102 Datasheet
166Kb / 3P
   VARIABLE CAPACITANCE DIODE (AM RADIO BAND TUNING APPLICATIONS)
logo
Siemens Semiconductor G...
BB619C SIEMENS-BB619C Datasheet
21Kb / 3P
   Silicon Variable Capacitance Diode (For tuning of extended frequency band in VHF TV/ VTR tuners)
BB639C SIEMENS-BB639C Datasheet
40Kb / 3P
   Silicon Variable Capacitance Diode (For tuning of extended frequency band in VHF TV / VTR tuners)
logo
KEC(Korea Electronics)
KDV149 KEC-KDV149 Datasheet
270Kb / 3P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(AM RADIO BAND TUNING)
logo
STMicroelectronics
TDA7786 STMICROELECTRONICS-TDA7786 Datasheet
919Kb / 54P
   ELITE automotive tuners for AM/FM car-radio
October 2016 Rev 5
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com