Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP11205 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SIP11205
Description  Feed-Forward Controller with Primary MOSFET Drivers for Intermediate Bus Converters
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP11205 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SIP11205 Datasheet HTML 2Page - Vishay Siliconix SIP11205 Datasheet HTML 3Page - Vishay Siliconix SIP11205 Datasheet HTML 4Page - Vishay Siliconix SIP11205 Datasheet HTML 5Page - Vishay Siliconix SIP11205 Datasheet HTML 6Page - Vishay Siliconix SIP11205 Datasheet HTML 7Page - Vishay Siliconix SIP11205 Datasheet HTML 8Page - Vishay Siliconix SIP11205 Datasheet HTML 9Page - Vishay Siliconix SIP11205 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.vishay.com
6
Document Number: 69233
S-81795-Rev. C, 04-Aug-08
Vishay Siliconix
SiP11205
PACKAGE AND PIN CONFIGURATION
Notes:
For MLP44-16 package the bottom pin 1 indicator is connected to EPAD or AGND.
Top View
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TOP VIEW
1
VCC
COMP
CS
AGND
SS
PGND
DL
LX
MLP44-16 PowerPAK Package
TSSOP-16 PowerPAK Package
TSSOP-16
MLP44-16
Symbol
Description
31
VCC
Pre-regulator output and supply voltage for internal circuitry
4
2
COMP
Pre-regulator compensation pin
5
3
CS
Current sense comparator input
6
4
AGND
Analog ground (connected to package’s exposed pad)
75
VREF
3.3 V reference output and bypass capacitor connection pin
86
ROSC
Oscillator resistor connection
97
COSC
Oscillator capacitor connection and external frequency sync. connection
10
8
RDB
Dead time setting resistor connection
11
9
SS
Soft start capacitor connection
12
10
PGND
Power ground
13
11
DL
Primary low-side MOSFET drive signal
14
12
LX
High-side MOSFET source and transformer connection node
15
13
DH
Primary high-side MOSFET drive signal
16
14
BST
Bootstrap voltage pin for the high-side driver
115
VINDET
Shut down/under voltage/enable control pin
216
VIN
High voltage pre-regulator input
ORDERING INFORMATION
Part Number
Package
Marking
Temperature
SiP11205DQP-T1-E3
TSSOP-16
11205
- 40 °C to + 85 °C
SiP11205DLP-T1-E3
MLP44-16


Similar Part No. - SIP11205

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP11205 VISHAY-SIP11205 Datasheet
341Kb / 21P
   Feed-Forward Controller with Primary MOSFET Drivers for Intermediate Bus Converters
01-Jan-2022
SIP11205 VISHAY-SIP11205_V01 Datasheet
341Kb / 21P
   Feed-Forward Controller with Primary MOSFET Drivers for Intermediate Bus Converters
01-Jan-2022
More results

Similar Description - SIP11205

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP11205 VISHAY-SIP11205_V01 Datasheet
341Kb / 21P
   Feed-Forward Controller with Primary MOSFET Drivers for Intermediate Bus Converters
01-Jan-2022
SIP11206 VISHAY-SIP11206_V01 Datasheet
341Kb / 19P
   Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
01-Jan-2022
SIP11206 VISHAY-SIP11206 Datasheet
414Kb / 19P
   Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
Rev. C, 04-Aug-08
logo
Renesas Technology Corp
ISL6744A RENESAS-ISL6744A Datasheet
1Mb / 27P
   Intermediate Bus PWM Controller
ISL6744 RENESAS-ISL6744 Datasheet
788Kb / 18P
   Intermediate Bus PWM Controller
logo
Intersil Corporation
ISL6744A INTERSIL-ISL6744A Datasheet
344Kb / 18P
   Intermediate Bus PWM Controller
ISL6744AAUZ INTERSIL-ISL6744AAUZ Datasheet
345Kb / 18P
   Intermediate Bus PWM Controller
October 8, 2007
ISL6744AU INTERSIL-ISL6744AU Datasheet
323Kb / 18P
   Intermediate Bus PWM Controller
September 22, 2005
ISL6744 INTERSIL-ISL6744 Datasheet
403Kb / 18P
   Intermediate Bus PWM Controller
logo
International Rectifier
IRF6648PBF IRF-IRF6648PBF_15 Datasheet
645Kb / 10P
   Ideal for 24V input Primary Side Forward Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com