Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP11206DLP-T1-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP11206DLP-T1-E3
Description  Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP11206DLP-T1-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP11206DLP-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SIP11206DLP-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SIP11206DLP-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SIP11206DLP-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SIP11206DLP-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SIP11206DLP-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SIP11206DLP-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SIP11206DLP-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SIP11206DLP-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.vishay.com
2
Document Number: 69232
S-81795-Rev. C, 04-Aug-08
Vishay Siliconix
SiP11206
TECHNICAL DESCRIPTION
SiP11206 is a switching controller on the primary side of a
half-bridge intermediate bus converter. With 100 V depletion
mode MOSFET in the chip, the SiP11206 is capable of being
powered directly from the high voltage bus to VCC through an
external PNP pass transistor, or may be powered by an
external supply directly to the VCC pin.
Without the use of an external pass transistor, failure of the
converter output to power VCC above the VREG level will
result in over temperature protection activating hiccup
operation whenever the pre-regulator power dissipation
becomes excessive. The external high- and low-side
N-Channel power MOSFETs are driven by a built in driver
with ± 1.6 A peak current capability.
SiP11206 is available in the MLP44-16 PowerPAK® package
and TSSOP-16 PowerPAK® package and is specified over
the ambient temperature range of - 40 °C to + 85 °C
SIP11206 BLOCK DIAGRAM
Level
Shift
Pre Reg
Driver
Control
OSC
PWM Comp
Hi-side driver
Low-side driver
OTP
VIN
VCC
ROSC
VREF
PGND
SS
Ramp
BST
DH
LX
DL
UVLO
Over Current protection
CS
+
-
AGND
VINDET
VCC
0.13 V
COSC
I
DSS
ISS
+
-
0.85 V
SS
4.8 V
Le
Le
EN
VREF
EN
EN
ISS
250 mV
+
-
IDSS
EN
IBIAS
DMAX
COMP
RDB
VREF
IBIAS
VSD
EN
0.200 V
EN
+
-
VUV
VUV
BG
+
SS Comp
VREG


Similar Part No. - SIP11206DLP-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP11206 VISHAY-SIP11206 Datasheet
341Kb / 19P
   Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
01-Jan-2022
SIP11206 VISHAY-SIP11206_V01 Datasheet
341Kb / 19P
   Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
01-Jan-2022
More results

Similar Description - SIP11206DLP-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP11206 VISHAY-SIP11206_V01 Datasheet
341Kb / 19P
   Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
01-Jan-2022
SIP11205 VISHAY-SIP11205 Datasheet
339Kb / 21P
   Feed-Forward Controller with Primary MOSFET Drivers for Intermediate Bus Converters
Rev. C, 04-Aug-08
SIP11205 VISHAY-SIP11205_V01 Datasheet
341Kb / 21P
   Feed-Forward Controller with Primary MOSFET Drivers for Intermediate Bus Converters
01-Jan-2022
logo
Fairchild Semiconductor
FAN7621S FAIRCHILD-FAN7621S Datasheet
803Kb / 13P
   PFM Controller for Half-Bridge Resonant Converters
FAN7621B FAIRCHILD-FAN7621B Datasheet
1,021Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
FAN7621 FAIRCHILD-FAN7621_10 Datasheet
636Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
logo
ON Semiconductor
FAN7621B ONSEMI-FAN7621B Datasheet
813Kb / 18P
   PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.1
FAN7621S ONSEMI-FAN7621S Datasheet
597Kb / 14P
   PFM Controller for Half-Bridge Resonant Converters
July 2010 Rev. 1.0.1
FAN7621 ONSEMI-FAN7621 Datasheet
713Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.3
logo
Fairchild Semiconductor
FAN7621 FAIRCHILD-FAN7621 Datasheet
1Mb / 17P
   PFM Controller for Half-Bridge Resonant Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com