Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP32453DB-T2-GE1 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIP32453DB-T2-GE1
Description  1 V, 55 m Ohm Load Switch in MICRO FOOT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32453DB-T2-GE1 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SIP32453DB-T2-GE1 Datasheet HTML 2Page - Vishay Siliconix SIP32453DB-T2-GE1 Datasheet HTML 3Page - Vishay Siliconix SIP32453DB-T2-GE1 Datasheet HTML 4Page - Vishay Siliconix SIP32453DB-T2-GE1 Datasheet HTML 5Page - Vishay Siliconix SIP32453DB-T2-GE1 Datasheet HTML 6Page - Vishay Siliconix SIP32453DB-T2-GE1 Datasheet HTML 7Page - Vishay Siliconix SIP32453DB-T2-GE1 Datasheet HTML 8Page - Vishay Siliconix SIP32453DB-T2-GE1 Datasheet HTML 9Page - Vishay Siliconix SIP32453DB-T2-GE1 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.vishay.com
8
Document Number: 63315
S11-1695-Rev. B, 22-Aug-11
Vishay Siliconix
SiP32452, SiP32453
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DETAILED DESCRIPTION
SiP32452 and SiP32453 are n-channel power MOSFET
designed as high side load switch. Once enable the device
charge pumps the gate of the power MOSFET to a constant
gate to source voltage for fast turn on time. The mostly
constant gate to source voltage keeps the on resistance low
through out the input voltage range. When disable, the
SiP32452 pulls the gate of the output n-channel low right
away for a fast turn off delay while there is a build-in turn off
delay for the SiP32453. The turn off delay for the SiP32453
is guaranteed to be at least 30 µs. Because the body of the
output n-channel is always connected to GND, it prevents
the current from going back to the input in case the output
voltage is higher than the output.
APPLICATION INFORMATION
Input Capacitor
While a bypass capacitor on the input is not required,
a 4.7 µF or larger capacitor for CIN is recommended in almost
all applications. The bypass capacitor should be placed as
physically close as possible to the input pin to be effective in
minimizing transients on the input. Ceramic capacitors are
recommended over tantalum because of their ability to
withstand input current surges from low impedance sources
such as batteries in portable devices.
Output Capacitor
A 0.1 µF capacitor across VOUT and GND is recommended
to insure proper slew operation. There is inrush current
through the output MOSFET and the magnitude of the inrush
current depends on the output capacitor, the bigger the COUT
the higher the inrush current. There are no ESR or capacitor
type requirement.
Enable
The EN pin is compatible with CMOS logic voltage levels. It
requires at least 0.1 V or below to fully shut down the device
and 1.5 V or above to fully turn on the device.
Protection Against Reverse Voltage Condition
Both the SiP32452 and SiP32453 can block the output
current from going to the input in case where the output
voltage is higher than the input voltage when the main switch
is off.
Thermal Considerations
These devices are designed to maintain a constant output
load current. Due to physical limitations of the layout and
assembly of the device the maximum switch current is 1.2 A
as stated in the Absolute Maximum Ratings table. However,
another limiting characteristic for the safe operating load
current is the thermal power dissipation of the package. To
obtain the highest power dissipation (and a thermal
resistance of 280 °C/W) the device should be connected to a
heat sink on the printed circuit board.
The maximum power dissipation in any application is
dependant
on
the
maximum
junction
temperature,
TJ(max.) = 125 °C, the junction-to-ambient thermal resistance,
J-A = 280 °C/W, and the ambient temperature, TA, which
may be formulaically expressed as:
It then follows that, assuming an ambient temperature of
70 °C, the maximum power dissipation will be limited to about
196 mW.
So long as the load current is below the 1.2 A limit, the
maximum continuous switch current becomes a function two
things: the package power dissipation and the RDS(ON) at the
ambient temperature.
As an example let us calculate the worst case maximum load
current at TA = 70 °C. The worst case RDS(ON) at 25 °C is
65 m
. The R
DS(ON) at 70 °C can be extrapolated from this
data using the following formula:
RDS(ON) (at 70 °C) = RDS(ON) (at 25 °C) x (1 + TC x T)
Where TC is 3900 ppm/°C. Continuing with the calculation
we have
RDS(ON) (at 70 °C) = 65 m x (1 + 0.0039 x (70 °C - 25 °C))
= 76.4 m
The maximum current limit is then determined by
which in case is 1.6 A. Under the stated input voltage
condition, if the 1.6 A current limit is exceeded the internal die
temperature will rise and eventually, possibly damage the
device.
To avoid possible permanent damage to the device and keep
a reasonable design margin, it is recommended to operate
the device maximum up to 1.2 A only as listed in the
Absolute Maximum Ratings table.
280
125
(max.)
(max.)
A
A
J
A
J
T
T
T
P
-
=
-
=
-
θ
)
(
(max.)
(max.)
ON
DS
LOAD
R
P
I
<


Similar Part No. - SIP32453DB-T2-GE1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32453DB-T2-GE1 VISHAY-SIP32453DB-T2-GE1 Datasheet
200Kb / 12P
   0.9 V to 2.5 V, 55 m??Load Switch in WCSP4
01-Jan-2022
More results

Similar Description - SIP32453DB-T2-GE1

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SIP32451 TFUNK-SIP32451 Datasheet
199Kb / 13P
   0.9 V to 2.5 V, 55 m Load Switch in WCSP4
logo
Vishay Siliconix
SIP32452 VISHAY-SIP32452_V01 Datasheet
200Kb / 12P
   0.9 V to 2.5 V, 55 m??Load Switch in WCSP4
01-Jan-2022
logo
Texas Instruments
TPS22917 TI1-TPS22917 Datasheet
203Kb / 14P
[Old version datasheet]   1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI1-TPS22917_18 Datasheet
1Mb / 27P
[Old version datasheet]   1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22916 TI1-TPS22916_17 Datasheet
1Mb / 29P
[Old version datasheet]   1-V ??5.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22916 TI1-TPS22916 Datasheet
330Kb / 21P
[Old version datasheet]   1 V??.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
logo
Vishay Siliconix
DG3001 VISHAY-DG3001_11 Datasheet
193Kb / 12P
   Low-Voltage Sub-ohm SPST/SPDT MICRO FOOT Analog Switch
Rev. D, 28-Feb-11
DG3003 VISHAY-DG3003 Datasheet
96Kb / 7P
   Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT Analog Switch
Rev. A, 27-Oct-03
logo
Texas Instruments
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com