Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP43101DLP-T1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP43101DLP-T1
Description  Dual Output Power Switch with Inverting Input
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP43101DLP-T1 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP43101DLP-T1 Datasheet HTML 1Page - Vishay Siliconix SIP43101DLP-T1 Datasheet HTML 2Page - Vishay Siliconix SIP43101DLP-T1 Datasheet HTML 3Page - Vishay Siliconix SIP43101DLP-T1 Datasheet HTML 4Page - Vishay Siliconix SIP43101DLP-T1 Datasheet HTML 5Page - Vishay Siliconix SIP43101DLP-T1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SiP43101
Vishay Siliconix
www.vishay.com
2
Document Number: 72640
S-51493, Rev. D—15-Aug-05
ABSOLUTE MAXIMUM RATINGS
VCC
35 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
C1, E1, C2, E2
35 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
C1-E1, C2-E2 (clamped by internal circuitry)
52 V
. . . . . . . . . . . . . . . . . . . . . .
Output Current
Continuous for one Output
200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak for one Output
1.3 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
FAULT Output Current
10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
FAULT Output Voltage
–0.3 V t0 VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
IN1, IN2A, IN2B
–0.3 V t0 VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
–65 to 150
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature
125
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation
TSSOP-16a @ 85
_C
440 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PowerPAK MLP44-16b @ 85
_C
850 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Impedance (
QJA)
TSSOP-16c
90
_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PowerPAK MLP44-16d
47
_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Derate 11.1 mW/
_C
b.
Derate 21.3 mW/
_C
c.
Device mounted on JEDEC compliant two layer test board.
d.
Device mounted on JEDEC compliant four layer test board.
Currents are positive into, negative out of the specificed terminal.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING RANGE
VCC
9 to 32 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
–40 to 85
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . .
SPECIFICATIONS
Test Conditions Unless Specified
Limits
Parameter
Symbol
VCC = 25 V,IN1, IN2 = 0 V, IN1, IN2, INV2 = 5 V
CDEL = 10 nF, TA = TJ
Mina
Typb
Maxa
Unit
Power Supply
Supply Voltage
VCC
9
32
V
Supply Current
ICC
–40 to 85
_C, Both Inputs Enabled
6
9
mA
Logic Inputs (IN1, IN2A, IN2B)
Digital Input High Level
VIH
3.5
V
Digital Input Low Level
VIL
1.5
V
Input Bias Current, Low Level
IIL
IN1, IN2A, IN2B = 0 V
–0.40
mA
Input Bias Current, High Level
IIH
IN1, IN2A, IN2B = 5 V
0.02
mA
Switches 1&2 – High Side Configuration
Rise Time (Off to On)
tr
RLOAD = 250 W to GND C1 C2 =25V
300
ns
Rise Tiem (On to Off)
tf
RLOAD = 250 W to GND, C1 , C2 = 25 V
300
ns
Saturation Voltage
VSATHS
RLOAD = 125 W to GND
TA = 25 _C
1.3
V
Saturation Voltage
VSATHS
RLOAD = 125 W to GND
TA = –40 _C
1.5
V
Current Limit
ILIMHS
RLOAD = 0.25 W to GND, TA = 25 _C
1.1
A
Leakage Current
ILHS
E1, E2 = GND, C1 , C2 = 25 V,IN1, IN2A, IN2B = 0 V
5
mA
Voltabe Clamp
VCLHS
Measure (VC1 – VE1) or (VC2 – VE2)
52
V
Switches 1&2 – Low Side Configuration
Rise Time (On to Off)
tr
RLOAD = 250 W to VCC LOAD =25VtoC1 C2
400
ns
Rise Tiem (Off to On)
tf
RLOAD = 250 W to VCC, LOAD = 25 V to C1 , C2
350
ns
Saturation Voltage
VSATLS
RLOAD = 125 W to VCC
TA = 25 _C
1.3
V
Saturation Voltage
VSATLS
RLOAD = 125 W to VCC
TA = –40 _C
1.5
V
Current Limit
ILIMLS
RLOAD = 0.25 W to VCC, TA = 25 _C
1.1
A
Leakage Current
ILLS
E1, E2 = GND, C1 , C2 = 25 V,IN1, IN2A, IN2B = 0 V
5
mA
Voltabe Clamp
VCLLS
Measure (VC1 – VE1) or (VC2 – VE2)
52
V


Similar Part No. - SIP43101DLP-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP43101DLP-T1 VISHAY-SIP43101DLP-T1 Datasheet
84Kb / 5P
   Dual Output Power Switch with Inverting Input
Rev. A-01-Dec-03
More results

Similar Description - SIP43101DLP-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP43101 VISHAY-SIP43101 Datasheet
84Kb / 5P
   Dual Output Power Switch with Inverting Input
Rev. A-01-Dec-03
logo
ON Semiconductor
FPF1320 ONSEMI-FPF1320 Datasheet
1Mb / 15P
   Dual-Input Single-Output Advanced Power Switch
October-2017,Rev 2
logo
Advanced Analog Technol...
AAT4670 AAT-AAT4670 Datasheet
281Kb / 13P
   Dual-Input, Dual-Output Load Switch
logo
Advanced Analogic Techn...
AAT4670 ANALOGICTECH-AAT4670_06 Datasheet
281Kb / 13P
   Dual-Input, Dual-Output Load Switch
logo
Vishay Siliconix
SIP43102 VISHAY-SIP43102 Datasheet
86Kb / 6P
   Dual Output Power Switch
Rev. C, 28-Feb-05
logo
Kinetic Technologies.
KTS1679 KINETIC-KTS1679 Datasheet
121Kb / 2P
   Surge Protected, Single Input, Dual Output Load Switch with OVP
August 2020 - Revision 03e
KTS1656 KINETIC-KTS1656 Datasheet
134Kb / 2P
   Surge Protected, Single Input, Dual Output Load Switch with OVP
January 2020 - Revision 04a
KTS1678B KINETIC-KTS1678B Datasheet
134Kb / 2P
   Surge Protected, Single Input, Dual Output Load Switch with OVP
August 2020 - Revision 04d
KTS1678C KINETIC-KTS1678C Datasheet
839Kb / 14P
   Surge Protected, Single Input, Dual Output Load Switch with OVP
August 2020 - Revision 04h
logo
Fairchild Semiconductor
FPF1321 FAIRCHILD-FPF1321 Datasheet
1Mb / 16P
   IntelliMAX??Dual-Input Single-Output Advanced Power Switch with True Reverse-Current Blocking
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com