Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVQPV Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EVQPV
Description  6 mm Square Long Travel 2R Light Touch Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQPV Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EVQPV Datasheet HTML 1Page - Panasonic Semiconductor EVQPV Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Light Touch Switches/EVQPV
E
1
V
2
Q
34
56
7
8
9
05
K
PV
6th
A
2
G
F
W
Mounting Height
5.0 mm
7th & 8th
05
Operating Force
2.2 N
1.6 N
2.0 N
2.5 N
3.5 N
Push Travel
1.0 mm
1.3 mm
Push Plate Color
Black
9th
K
Type
Specifications
6 mm Square Long Travel 2R Light Touch Switches
Type:
EVQPV
Explanation of Part Numbers
Features
External dimensions : 6.0 mm 6.1 mm, Hight 5.0 mm
(Including the push plate)
High mountability, section terminals and radial taping
package
Low contact resistance and steady contact characteristics
Type
Snap action/Push-on type SPST
Electrical
Rating
10 µA 2 Vdc to 50 mA 12 Vdc (Resistive load)
Contact Resistance
100 m
max.
Insulation Resistance
100 M
min. (at 100 Vdc)
Dielectric Withstanding Voltage
250 Vac for 1 minute
Bouncing
10 ms max. (ON, OFF)
Mechanical
Operating Force
2.2 N
1.6 N, 2.0 N, 2.5 N, 3.5 N
Travel
1.0 mm±0.2 mm
1.3 mm±0.2 mm
Endurance
Operating Life
100000 cycles min.
(3.5 N type : 30000 cycles min.)
Operating Temperature
–30 °C to +85 °C
Storage Temperature
–40 °C to +85 °C (Bulk)
–20 °C to +40 °C (Taping)
Minimum Quantity/Packing Unit
2500 pcs. Radial Taping (Reel Pack)
Quantity/Carton
25000 pcs.
Recommended Applications
Operating switches for car electronic equipment.
Input on operating switches for telephones, electronic
musical instruments, etc.
Jun. 2008


Similar Part No. - EVQPV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQPV205K PANASONIC-EVQPV205K Datasheet
103Kb / 2P
   Light Touch Switches
EVQPVA05K PANASONIC-EVQPVA05K Datasheet
103Kb / 2P
   Light Touch Switches
EVQPVA05K PANASONIC-EVQPVA05K_16 Datasheet
103Kb / 2P
   Light Touch Switches
EVQPVF05K PANASONIC-EVQPVF05K Datasheet
103Kb / 2P
   Light Touch Switches
EVQPVG05K PANASONIC-EVQPVG05K Datasheet
103Kb / 2P
   Light Touch Switches
More results

Similar Description - EVQPV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQ-QJJ05Q PANASONIC-EVQ-QJJ05Q Datasheet
70Kb / 2P
   8 mm Square Long Travel 2R Light Touch Switches
EVQ-P1F05M PANASONIC-EVQ-P1F05M Datasheet
76Kb / 3P
   6 mm Square Long Travel SMD Light Touch Switches
EVQ-P1905M PANASONIC-EVQ-P1905M Datasheet
77Kb / 3P
   6 mm Square Long Travel SMD Light Touch Switches
EVPASCB1A PANASONIC-EVPASCB1A Datasheet
345Kb / 9P
   6 mm Square Long Travel 2 terminals SMD Light Touch Switches
EVPAD PANASONIC-EVPAD Datasheet
72Kb / 2P
   10 mm Square Center Space Long Travel SMD Light Touch Switches
EVQP0N02B PANASONIC-EVQP0N02B Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches Overstroke travel
EVQ-Q2U03W PANASONIC-EVQ-Q2U03W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQ-Q2S02W PANASONIC-EVQ-Q2S02W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQP0 PANASONIC-EVQP0 Datasheet
187Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQ-Q2K02W PANASONIC-EVQ-Q2K02W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com