Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIR422DP Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIR422DP
Description  N-Channel 40-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR422DP Datasheet(HTML) 5 Page - Vishay Siliconix

  SIR422DP Datasheet HTML 1Page - Vishay Siliconix SIR422DP Datasheet HTML 2Page - Vishay Siliconix SIR422DP Datasheet HTML 3Page - Vishay Siliconix SIR422DP Datasheet HTML 4Page - Vishay Siliconix SIR422DP Datasheet HTML 5Page - Vishay Siliconix SIR422DP Datasheet HTML 6Page - Vishay Siliconix SIR422DP Datasheet HTML 7Page - Vishay Siliconix SIR422DP Datasheet HTML 8Page - Vishay Siliconix SIR422DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Document Number: 65025
S09-1336-Rev. A, 13-Jul-09
www.vishay.com
5
Vishay Siliconix
SiR422DP
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
12
24
36
48
60
0
255075
100
125
150
Package Limited
TC - Case Temperature (°C)
Power, Junction-to-Case
0
9
18
27
36
45
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power, Junction-to-Ambient
0.0
0.5
1.0
1.5
2.0
2.5
0
25
50
75
100
125
150
TA -Ambient Temperature (°C)


Similar Part No. - SIR422DP

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SIR422DP KEXIN-SIR422DP Datasheet
2Mb / 6P
   N-Channel MOSFET
logo
Vishay Telefunken
SIR422DP TFUNK-SIR422DP Datasheet
328Kb / 13P
   N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SIR422DP-T1-GE3 VBSEMI-SIR422DP-T1-GE3 Datasheet
1Mb / 7P
   N-Channel 40 V (D-S) MOSFET
logo
Vishay Siliconix
SIR422DP VISHAY-SIR422DP_V01 Datasheet
329Kb / 13P
   N-Channel 40-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIR422DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com