Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2122 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP2122
Description  100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2122 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HIP2122 Datasheet HTML 2Page - Intersil Corporation HIP2122 Datasheet HTML 3Page - Intersil Corporation HIP2122 Datasheet HTML 4Page - Intersil Corporation HIP2122 Datasheet HTML 5Page - Intersil Corporation HIP2122 Datasheet HTML 6Page - Intersil Corporation HIP2122 Datasheet HTML 7Page - Intersil Corporation HIP2122 Datasheet HTML 8Page - Intersil Corporation HIP2122 Datasheet HTML 9Page - Intersil Corporation HIP2122 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
HIP2122, HIP2123
6
FN7670.0
December 23, 2011
Input Voltage Hysteresis
VIHYS
HIP2122 (CMOS)
-
2.2
-
--
V
Input Pull-down Resistance
RI
-210
-
100
500
k
Ω
UNDERVOLTAGE PROTECTION
VDD Rising Threshold
VDDR
6.8
7.3
7.8
6.5
8.1
V
VDD Threshold Hysteresis
VDDH
-0.6
-
--
V
HB Rising Threshold
VHBR
6.2
6.9
7.5
5.9
7.8
V
HB Threshold Hysteresis
VHBH
-0.6
-
--
V
BOOTSTRAP DIODE
Low Current Forward Voltage
VDL
IVDD-HB = 100mA
-
0.6
0.7
-0.8
V
High Current Forward Voltage
VDH
IVDD-HB = 100mA
-
0.7
0.9
-1
V
Dynamic Resistance
RD
IVDD-HB = 100mA
-
0.8
1
-1.5
Ω
LO GATE DRIVER
Low Level Output Voltage
VOLL
ILO = 100mA
-
0.25
0.4
-0.5
V
High Level Output Voltage
VOHL
ILO = -100mA, VOHL = VDD - VLO
-
0.25
0.4
-0.5
V
Peak Pull-Up Current
IOHL
VLO = 0V
-
2
-
--
A
Peak Pull-Down Current
IOLL
VLO = 12V
-
2
-
--
A
HO GATE DRIVER
Low Level Output Voltage
VOLH
IHO = 100mA
-
0.25
0.4
-0.5
V
High Level Output Voltage
VOHH
IHO = -100mA, VOHH = VHB - VHO
-
0.25
0.4
-0.5
V
Peak Pull-Up Current
IOHH
VHO = 0V
-
2
-
--
A
Peak Pull-Down Current
IOLH
VHO = 12V
-
2
-
--
A
Electrical Specifications VDD = VHB = 12V, VSS = VHS = 0V, RDT = 0K, PWM= 0V, No Load on LO or HO, Unless Otherwise Specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
PARAMETERS
SYMBOL
TEST CONDITIONS
TA = +25°C
TA = -40°C to +125°C
UNITS
MIN
TYP
MAX MIN (Note 9) MAX (Note 9)


Similar Part No. - HIP2122

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP2122 RENESAS-HIP2122 Datasheet
717Kb / 16P
   100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
HIP2122FRTAZ RENESAS-HIP2122FRTAZ Datasheet
717Kb / 16P
   100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
HIP2122FRTBZ RENESAS-HIP2122FRTBZ Datasheet
717Kb / 16P
   100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
More results

Similar Description - HIP2122

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP2122 RENESAS-HIP2122 Datasheet
717Kb / 16P
   100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
logo
Intersil Corporation
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2100A INTERSIL-ISL2100A Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Renesas Technology Corp
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
logo
Renesas Technology Corp
ISL2110 RENESAS-ISL2110 Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com