Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNJ424C46RA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LNJ424C46RA
Description  Hight Bright Surface Mounting Chip LED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LNJ424C46RA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LNJ424C46RA Datasheet HTML 1Page - Panasonic Semiconductor LNJ424C46RA Datasheet HTML 2Page - Panasonic Semiconductor LNJ424C46RA Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ver. AEK
This product complies with the RoHS Directive (EU 2002/95/EC).
Publication date: August 2011
1
LNJ424C46RA
Hight Bright Surface Mounting Chip LED
3528 (PLCC2) Type
Absolute Maximum Ratings Ta = 25°C
Parameter
Symbol
Rating
Unit
Power dissipation
PD
80
mW
Forward current
IF
30
mA
Pulse forward current *
IFP
90
mA
Reverse voltage
VR
4
V
Operating ambient temperature
Topr
–40 to +100
°
C
Storage temperature
Tstg
–40 to +100
°
C
Note) *: The condition of IFP is duty 10%, Pulse width 1 msec.
Electro-Optical Characteristics Ta = 25°C±3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Luminous intensity *1
IO
IF = 20 mA
140
230
380
mcd
Reverse current
IR
VR = 4 V
100
µA
Forward voltage
VF
IF = 20 mA
2.1
2.5
V
Peak emission wavelength
λP
IF = 20 mA
595
nm
Dominant emission wavelength *2
λd
IF = 20 mA
584
589
596
nm
Spectral half band width
Δλ
IF = 20 mA
20
nm
Note) *1: Measurement tolerance: ±15%
*2: Measurement tolerance: ±2 nm
0
0
0
10
20
30
40
20
40
60
80
120
100
0
1.0
1.5
2.0
2.5
3.0
40 −20
20
40
60
80
100
10
1
10
102
102
103
20
20
40
40
60
60
80
80
100
100
0
20
40
60
80
100
550
500
600
650
1
10
102
10°
10°
20°
20°
30°
30°
40°
40°
50°
50°
60°
60°
70°
70°
80°
80°
80°
60°
40°
20°
90°
90°
1
10
102
103
IO  IF
IF  VF
IF  Ta
Directive characteristics
Relative luminous intensity (%)
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Forward voltage VF (V)
Forward current IF (mA)
Relative luminous intensity  Ta
Relative luminous intensity  λP
Peak emission wavelength λP (nm)
Lighting Color
Amber


Similar Part No. - LNJ424C46RA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNJ406K54RX PANASONIC-LNJ406K54RX Datasheet
30Kb / 1P
   InGaAIP S-J Type
LNJ406K54RX PANASONIC-LNJ406K54RX Datasheet
109Kb / 3P
   Surface Mount LEDs
LNJ406K54UX PANASONIC-LNJ406K54UX Datasheet
109Kb / 3P
   Surface Mount LEDs
LNJ406K5YRX PANASONIC-LNJ406K5YRX Datasheet
109Kb / 3P
   Surface Mount LEDs
LNJ406K5YUX PANASONIC-LNJ406K5YUX Datasheet
109Kb / 3P
   Surface Mount LEDs
More results

Similar Description - LNJ424C46RA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNJ047X8ARA PANASONIC-LNJ047X8ARA Datasheet
316Kb / 3P
   Hight Bright Surface Mounting Chip LED
LNJ252W82RA PANASONIC-LNJ252W82RA Datasheet
316Kb / 3P
   Hight Bright Surface Mounting Chip LED
LNJ847W86RA PANASONIC-LNJ847W86RA Datasheet
325Kb / 3P
   Hight Bright Surface Mounting Chip LED
LNJ024X4ARA PANASONIC-LNJ024X4ARA Datasheet
378Kb / 3P
   Hight Bright Surface Mounting Chip LED
LNJ347W83RA PANASONIC-LNJ347W83RA Datasheet
324Kb / 3P
   Hight Bright Surface Mounting Chip LED
LNJ947W8CRA PANASONIC-LNJ947W8CRA Datasheet
326Kb / 3P
   Hight Bright Surface Mounting Chip LED
LNJ824C43RA PANASONIC-LNJ824C43RA Datasheet
398Kb / 3P
   Hight Bright Surface Mounting Chip LED
LNJ053X8BRA PANASONIC-LNJ053X8BRA Datasheet
516Kb / 3P
   Hight Bright Surface Mounting Chip LED
LNJ237W82RA PANASONIC-LNJ237W82RA Datasheet
325Kb / 3P
   Hight Bright Surface Mounting Chip LED
LNJ224C44RA PANASONIC-LNJ224C44RA Datasheet
342Kb / 3P
   Hight Bright Surface Mounting Chip LED
LNJ853W86RA PANASONIC-LNJ853W86RA Datasheet
324Kb / 3P
   Hight Bright Surface Mounting Chip LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com